Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C32MODULE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # 80C32MODULE
Description  80C32MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

80C32MODULE Datasheet(HTML) 2 Page - Maxim Integrated Products

  80C32MODULE Datasheet HTML 1Page - Maxim Integrated Products 80C32MODULE Datasheet HTML 2Page - Maxim Integrated Products 80C32MODULE Datasheet HTML 3Page - Maxim Integrated Products 80C32MODULE Datasheet HTML 4Page - Maxim Integrated Products 80C32MODULE Datasheet HTML 5Page - Maxim Integrated Products 80C32MODULE Datasheet HTML 6Page - Maxim Integrated Products 80C32MODULE Datasheet HTML 7Page - Maxim Integrated Products 80C32MODULE Datasheet HTML 8Page - Maxim Integrated Products 80C32MODULE Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MAX186 Evaluation System/Evaluation Kit
______________________________________________________________________________________
13
The MAX233 also generates the output voltages neces-
sary to drive RS-232 lines.
Port 0 (pins 32-39) of the 80C32 multiplexes the lower
eight bits of memory address and the eight bits of
read/write data. The lower eight bits of address data
are latched during each I/O cycle by the 74HCT573
octal latch. The latch is controlled by the address latch
enable (ALE) signal of the 80C32. Port 2 (pins 21-28) of
the 80C32 supplies the upper eight bits of address
information.
The port 3 pins (10-17) provide several unrelated func-
tions. Pins 10 and 11 are used as the receive data
(RxD) and transmit data (TxD) pins of the RS-232 link.
Pins 16 and 17 act as the write (WR) and read (RD) con-
trol signals for the data I/O cycles. Four other pins are
configured as interrupt and timer controls, but are not
used on this board.
Memory
The board has a 27C64 EPROM containing code for ini-
tializing the 80C32 and downloading additional pro-
gram code to the 62256 RAM. After a reset, the EPROM
resident code initializes the 80C32, determines the
address range of the RAM, sets the RS-232 baud rate
to 1200, and waits for communications from the PC.
Receiving any character will prompt the program to
send an initial banner that includes the program name,
revision level, and boundaries of the on-board RAM.
The 62256 CMOS (32kbyte) static RAM is used to hold
program code for the various Maxim EV kits that use
the 80C32 module as the controller. Programs are
transferred from disk to the RAM using software run-
ning on a personal computer, such as MAXLOAD or
other programs provided with Maxim EV kits. Programs
written to execute from this RAM start at 4000 (HEX)
and are typically less than 4kbytes long. The remaining
RAM is available for data storage.
Address Ranges
Logic on the module board generates various enable
signals for different address ranges. The ROM and
RAM enable signals are fed directly to the respective
chips. Several additional signals (CS0-CS3) are avail-
able on the data connector to be used by Maxim EV
kits. Table 1 outlines the address range for each of the
elements found on the 80C32 module.
Table 1. Address Ranges in Hexadecimal
ADDRESS RANGE (HEX)
ENABLE SIGNAL
0000
 
3FFF
ROM
4000
 
BFFF
RAM
C000
 
CFFF
CS0
D000
 
DFFF
CS1
E000
 
EFFF
CS2
F000
 
FFFF
CS3
Data I/O Connector
A 40-pin connector mounted on the edge of the printed
circuit board provides connection between the µC
module and other Maxim EV kits. Both power and digi-
tal signals are transferred via the connector. To join the
module board with an EV kit, carefully align and insert
the pins on the connector with the mating 40-pin female
connector of the kit. The pin functions are listed in
Table 2.
Table 2. I/O Connector Pin Functions
PIN
FUNCTION
DESCRIPTION
1-4
Ground
5, 6
Pre-regulator input
7, 8
Regulated +5V
9
RD
Read strobe
10
WR
Write strobe
11
CS0
Address C000-CFFF
12
CS1
Address D000-DFFF
13
CS2
Address E000-EFFF
14
CS3
Address F000-FFFF
15-18
ADDR0-ADDR3
Lowest 4 bits of address
19-26
DB0-DB7
8-bit data bus
27-34
P1.0-P1.7
8 bits of port 1
35-40
Reserved



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com