Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C32MODULE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # 80C32MODULE
Description  80C32MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

80C32MODULE Datasheet(HTML) 5 Page - Maxim Integrated Products

  80C32MODULE Datasheet HTML 1Page - Maxim Integrated Products 80C32MODULE Datasheet HTML 2Page - Maxim Integrated Products 80C32MODULE Datasheet HTML 3Page - Maxim Integrated Products 80C32MODULE Datasheet HTML 4Page - Maxim Integrated Products 80C32MODULE Datasheet HTML 5Page - Maxim Integrated Products 80C32MODULE Datasheet HTML 6Page - Maxim Integrated Products 80C32MODULE Datasheet HTML 7Page - Maxim Integrated Products 80C32MODULE Datasheet HTML 8Page - Maxim Integrated Products 80C32MODULE Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MAX186 Evaluation System/Evaluation Kit
16
______________________________________________________________________________________
Figure 6. 80C32 Module Schematic
1
11
P1.0-P1.7
27-34
1
2
3
4
5
6
7
8
10
11
12
13
14
15
16
17
9
18
19
29
C1 27pF
XX1 11.059MHz
C2
27pF
39
38
37
36
35
34
33
32
30
31
28
27
26
25
24
23
22
21
14
13
12
11
10
9
8
15
0
1
2
3
4
5
6
7
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
D1
D8
Q1
Q8
P1.0
AD0
P1.1
AD1
P1.2
AD2
P1.3
AD3
P1.4
AD4
P1.5
AD5
P1.6
AD6
P1.7
AD7
RXD
ALE
TXD
-EA
-INT0
A15
-INT1
A14
T0
A13
T1
A12
-WR
A11
-RD
A10
RST
-PSEN
XTAL1
A9
XTAL2
A8
0
1
2
3
4
5
6
7
ALL D9 MNEMONICS REFER
TO THE HOST (DTE)
5
GND
1
DCD
4
DTR
6
DSR
2
TXD
3
RXD
7
RTS
8
CTS
5
18
4
19
11
15
10
16
6
T1OUT
T2OUT
R1IN
R2IN
C2+
C2+
C2-
C2-
GND GND
T1IN
T2IN
R1OUT
R2OUT
C1+
C1-
V-
V-
V+
2
1
3
20
8
13
12
17
14
9
MAX233A
U2
MAX707
U10
1
2
3
4
VCC
GND
MR
PFI
RESET
N.C.
RESET
PFO
8
7
6
5
SW1
RESET
U6 HCT08
U6 HCT08
U6 HCT08
U6 HCT08
D
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
74HCT
573
U4
11
12
13
15
16
17
18
19
10
9
8
7
6
5
4
3
O0
O1
O2
O3
O4
O5
O6
O7
A0
A1
A2
A3
A4
A5
A6
A7
+5V
25
24
21
23
2
26
A8
A9
A10
A11
A12
N.C./A13
22
20
C
E
1
27
VPP
PCM
8
9
10
11
12
13
4
5
6
7
0
1
2
3
A0
A1
EN
2
3
1
14
15
+5V
+5V
U5
HCT139
27C64
U3
9
10
8
12
13
11
4
5
6
1
2
3
2
+5V
+5V
34
27
+5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com