Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20150CD Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MBR20150CD
Description  Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBR20150CD Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBR20150CD Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBR20150CD Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Schottky Barrier Rectifier
MBR20150CD
FEATURES
·
Multilayer Metal -Silicon Potential Structure.
·
Low Leakage Current.
·
High Current Capability, High Efficiency.
·
High Junction Temperature Capability.
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation.
APPLICATIONS
·
For use in low voltage,high frequency inverters,
free wheeling and polarity protection applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Repetitive Reverse Voltage
150
V
IF(AV)
Average Rectified Forward Current
20
A
IFSM
Nonrepetitive Peak Surge Current
8.3ms single half sine-wave superimposed on rated load conditions
290*2
A
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
3.0
℃
/W
ELECTRICAL CHARACTERISTICS (Pulse Test: Pulse Width=300μs,Duty Cycle≤1%)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VF
Maximum Instantaneous Forward
Voltage
IF= 10A ; Tc= 25℃
0.9
V
IF= 10A ; Tc= 125℃
0.78
IR
Maximum Instantaneous Reverse
Current
VR= 150V; Tc= 25℃
0.01
mA
VR= 150V; Tc= 125℃
10


Similar Part No. - MBR20150CD

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
MBR20150CD DYELEC-MBR20150CD Datasheet
789Kb / 3P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Semiconducto...
MBR20150CD CHENDA-MBR20150CD Datasheet
577Kb / 2P
40 to 200 Volts Forward Current - 20.0 Amperes
logo
Dongguan City Niuhang E...
MBR20150CD NIUHANG-MBR20150CD Datasheet
2Mb / 5P
SCHOTTKY RECTIFIERS
logo
RFE international
MBR20150CD RFE-MBR20150CD Datasheet
1Mb / 3P
Schottky Diodes
12-12-2022
logo
Comchip Technology
MBR20150CD-HF COMCHIP-MBR20150CD-HF Datasheet
475Kb / 4P
SMD Schottky Barrier Rectifiers
REV:A
More results

Similar Description - MBR20150CD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com