Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 252 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 252 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 248Page - Texas Instruments AM6548 Datasheet HTML 249Page - Texas Instruments AM6548 Datasheet HTML 250Page - Texas Instruments AM6548 Datasheet HTML 251Page - Texas Instruments AM6548 Datasheet HTML 252Page - Texas Instruments AM6548 Datasheet HTML 253Page - Texas Instruments AM6548 Datasheet HTML 254Page - Texas Instruments AM6548 Datasheet HTML 255Page - Texas Instruments AM6548 Datasheet HTML 256Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 277 page
background image
252
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2019, Texas Instruments Incorporated
6.5
Identification
6.5.1
Revision Identification
For more information about Revision Identification, see Section 8.1, Device Nomenclature section.
6.5.2
Die Identification
The device part number identification data can be read in the CTRLMMR_WKUP_JTAG_DEVICE_ID
register.
For more information about Die Identification, see Device Identification section in the device TRM.
6.5.3
JTAG Identification
The manufacturer identity, the boundary scan part number, and the silicon revision of the device can be
read in the CTRLMMR_WKUP_JTAGID register.
For more information about JTAG Identification, see Device Identification section in the device TRM.
6.5.4
ROM Code Identification
The ROM code uses several global memories in the MSRAM that are useful for debugging.
For more information about ROM Code Identification, see Global Memory Addresses Used by ROM Code
section in the device TRM.
6.6
Boot Modes
This device supports primary boot from the UART, I2C, OSPI, HyperBus, parallel NOR Flash, SD or
eMMC™, USB, PCIe, and Ethernet interfaces. If the primary boot fails, the device also supports a
secondary backup boot from the UART, I2C, OSPI (legacy SPI mode only), HyperBus, SD, USB, and
Ethernet interfaces.
The Boot Mode pins (BOOTMODE[18:00] and MCU_BOOTMODE[09:00]) provide the means to select the
desired boot mode before the device is powered up. It is the user’s responsibility to properly set the
(MCU_)BOOTMODE pins (via pullups or pulldowns) depending on the desired boot scenario.
For more detailed information about the primary/secondary Boot Modes, including the Boot Mode pins,
usage, and selections, see the Boot Mode Pins section in the device TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com