Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 254 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 254 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 250Page - Texas Instruments AM6548 Datasheet HTML 251Page - Texas Instruments AM6548 Datasheet HTML 252Page - Texas Instruments AM6548 Datasheet HTML 253Page - Texas Instruments AM6548 Datasheet HTML 254Page - Texas Instruments AM6548 Datasheet HTML 255Page - Texas Instruments AM6548 Datasheet HTML 256Page - Texas Instruments AM6548 Datasheet HTML 257Page - Texas Instruments AM6548 Datasheet HTML 258Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 277 page
background image
A
B
MCU_OSPI[x]_CLK
R1
OSPI/QSPI/SPI
device clock input
OSPI/QSPI/SPI
device IOy, CS#
MCU_OSPI[x]_D[y],
MCU_OSPI[x]_CSn[z]
0
*
Ω
OSPI_Board_01
254
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Applications, Implementation, and Layout
Copyright © 2017–2019, Texas Instruments Incorporated
7.2
Peripheral- and Interface-Specific Design Information
7.2.1
DDR Board Design and Layout Guidelines
The goal of the AM65x/DRA80xM DDR Board Design and Layout Guidelines is to make the DDR3L,
DDR4, and LPDDR4 system implementation straightforward for all designers. Requirements have been
distilled down to a set of layout and routing rules that allow designers to successfully implement a robust
design for the topologies that TI supports. TI only supports board designs using DDR3L, DDR4, and
LPDDR4 memories that follow the guidelines in this document.
7.2.2
OSPI Board Design and Layout Guidelines
The following section details the routing guidelines that must be observed when routing the OSPI
interfaces.
7.2.2.1
No Loopback & Internal Pad Loopback
•
The MCU_OSPI[x]_CLK output signal must be connected to the CLK pin of the flash device
•
The signal propagation delay from the MCU_OSPI[x]_CLK signal to the flash device must be < 450pS
(~7cm as stripline or ~8cm as microstrip)
•
50 Ω PCB routing is recommended along with series terminations, as shown in Figure 7-1
•
Propagation delays and matching:
–
A to B < 450ps
–
Matching skew: < 60pS
*0 Ω resistor (R1), located as close as possible to the MCU_OSPI[x]_CLK pin, is placeholder for fine tuning, if needed
Figure 7-1. OSPI Interface High Level Schematic
7.2.2.2
External Board Loopback
•
The MCU_OSPI[x]_CLK output signal must be connected to the CLK pin of the flash device
•
The MCU_OSPI[x]_LBCLKO output signal must be looped back into the MCU_OSPI[x]_DQS input
•
The signal propagation delay from the MCU_OSPI[x]_CLK pin to the flash device CLK input pin (A to
B)
should
be
approximately
equal
to
half
of
the
signal
propagation
delay
from
the
MCU_OPSI[x]_LBCLKO pin to the MCU_OSPI[x]_DQS pin ((C to D)/2). See the note below.
•
The signal propagation delay from the MCU_OSPI[x]_CLK pin to the flash device CLK input pin (A to
B) must be approximately equal to the signal propagation delay of the control and data signals
between the flash device and the SoC device (E to F, or F to E)
•
50 Ω PCB routing is recommended along with series terminations, as shown in Figure 7-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com