Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 133 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 133 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 129Page - Texas Instruments AM6548 Datasheet HTML 130Page - Texas Instruments AM6548 Datasheet HTML 131Page - Texas Instruments AM6548 Datasheet HTML 132Page - Texas Instruments AM6548 Datasheet HTML 133Page - Texas Instruments AM6548 Datasheet HTML 134Page - Texas Instruments AM6548 Datasheet HTML 135Page - Texas Instruments AM6548 Datasheet HTML 136Page - Texas Instruments AM6548 Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 277 page
background image
133
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
Table 5-11. LVCMOS Buffers DC Electrical Characteristics (continued)
over recommended operating conditions (unless otherwise noted)
PARAMETER
SPECIFIC BALL
MIN
TYP
MAX
UNIT
VHYS
Input hysteresis voltage
TCK ( AA4)
400
mV
PORz ( E19),
MCU_PORz ( W5),
MCU_BYP_POR ( V5)
50
All other IOs
100
VOH
Output high-level threshold
IOH = 100µA
VDDS(1) - 0.1
V
IOH = 2mA
VDDS(1) - 0.2
IOH = 4mA
VDDS(1) - 0.3
IOH = 6mA
VDDS(1) -
0.45
VOL
Output low-level threshold
IOL = 100µA
0.1
V
IOL = 2mA
0.2
IOL = 4mA
0.3
IOL = 6mA
0.45
IIN
Input leakage current, pull-up or pull-down
inhibited
64
µA
Input leakage current, pull-down enabled, VI =
VDDS(1)
67
100.7
198
Input leakage current, pull-up enabled, VI =
VSS
63
100.3
160
IOZ
Total leakage current through the
driver/receiver combination, which may include
an internal pull-up or pull-down. This value
represents the maximum current flowing in or
out of the pin while the output driver is
disabled, the pull-up or pull-down is inhibited,
and the input is swept from VSS to VDD.
64
µA
(1) VDDS stands for corresponding power supply. For more information on the power supply name and the corresponding ball, see Table 4-
1, POWER [9] column.
(2) Voltage Input High Steady State (VIHSS) should be maintained when the signal is not transitioning.
(3) Voltage Input Low Steady State (VILSS) should be maintained when the signal is not transitioning.
Table 5-12. LVCMOS Buffers (Reset) DC Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
SPECIFIC BALL
MIN
TYP
MAX
UNIT
BALL NAMES: MCU_PORz / MCU_BYP_POR / PORz
BALL NUMBERS: W5 / V5 / E19
1.8-V MODE
VIH
Input high-level threshold
TCK ( AA4)
0.60 ×
VDDS(1)
V
All other IOs
0.65 ×
VDDS(1)
VIL
Input low-level threshold
TCK ( AA4)
0.30 ×
VDDS(1)
V
All other IOs
0.35 ×
VDDS(1)
VIHSS
Input high-level Steady State(2)
0.8 ×
VDDS(1)
V
VILSS
Input low-level Steady State(3)
0.35 ×
VDDS(1)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com