Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 135 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 135 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 131Page - Texas Instruments AM6548 Datasheet HTML 132Page - Texas Instruments AM6548 Datasheet HTML 133Page - Texas Instruments AM6548 Datasheet HTML 134Page - Texas Instruments AM6548 Datasheet HTML 135Page - Texas Instruments AM6548 Datasheet HTML 136Page - Texas Instruments AM6548 Datasheet HTML 137Page - Texas Instruments AM6548 Datasheet HTML 138Page - Texas Instruments AM6548 Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 277 page
background image
135
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
Table 5-12. LVCMOS Buffers (Reset) DC Electrical Characteristics (continued)
over recommended operating conditions (unless otherwise noted)
PARAMETER
SPECIFIC BALL
MIN
TYP
MAX
UNIT
IIN
Input leakage current, pull-up or pull-down
inhibited
64
µA
Input leakage current, pull-down enabled, VI =
VDDS(1)
67
100.7
198
Input leakage current, pull-up enabled, VI =
VSS
63
100.3
160
IOZ
Total leakage current through the
driver/receiver combination, which may include
an internal pull-up or pull-down. This value
represents the maximum current flowing in or
out of the pin while the output driver is
disabled, the pull-up or pull-down is inhibited,
and the input is swept from VSS to VDD.
64
µA
(1) VDDS stands for corresponding power supply. For more information on the power supply name and the corresponding ball, see Table 4-
1, POWER [9] column.
(2) Voltage Input High Steady State (VIHSS) should be maintained when the signal is not transitioning.
(3) Voltage Input Low Steady State (VILSS) should be maintained when the signal is not transitioning.
Table 5-13. LVCMOS-FS Buffers DC Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BALL NAMES in Mode 0: I2C0_SCL / I2C0_SDA / I2C1_SCL / I2C1_SDA / NMIn
BALL NUMBERS: D20 / C21 / B21 / E21 / F18
1.8-V MODE
VIH
High-level input threshold
1.21
V
VIL
Low-level input threshold
0.55
V
VIHSS
Input high-level Steady State(1)
1.7
V
VILSS
Input low-level Steady State(2)
0.48
V
VOH
High-level output threshold
IOH = 1 mA
VDDSHV0
- 0.45
V
VOL
Low-level output threshold
IOL = 1 mA
0.45
V
IIN
Input leakage current. This value represents
the maximum current flowing in or out of the
pin while the output driver is disabled and the
input is swept from VSS to VDD.
VI = VDDSHV0
6
µA
VI = VSS
2.6
µA
IOZ
Total leakage current through the
driver/receiver combination, which may
include an internal pull-up or pull-down. This
value represents the maximum current
flowing in or out of the pin while the output
driver is disabled, the pull-up or pull-down is
inhibited, and the input is swept from VSS to
VDD.
6
µA
3.3-V MODE
VIH
High-level input threshold
2.0
V
VIL
Low-level input threshold
0.55
V
VIHSS
Input high-level Steady State(1)
2.2
V
VILSS
Input low-level Steady State(2)
0.48
V
VOH
High-level output threshold
IOH = 100 µA
VDDSHV0
- 0.2
V
VOL
Low-level output threshold
IOL = 100 µA
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com