Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 142 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 142 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 138Page - Texas Instruments AM6548 Datasheet HTML 139Page - Texas Instruments AM6548 Datasheet HTML 140Page - Texas Instruments AM6548 Datasheet HTML 141Page - Texas Instruments AM6548 Datasheet HTML 142Page - Texas Instruments AM6548 Datasheet HTML 143Page - Texas Instruments AM6548 Datasheet HTML 144Page - Texas Instruments AM6548 Datasheet HTML 145Page - Texas Instruments AM6548 Datasheet HTML 146Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 277 page
background image
Note 6
SPRSP08_ELCH_04
Note 7
Note 8
VDDA_ADC_MCU, VDDA_LDO_WKUP, VDDA_POR_WKUP,
VDDS0_WKUP , VDDS1_WKUP , VDDS2_WKUP , VDDS0 ,
VDDS1 ,VDDS2 , VDDS3 , VDDS4 , VDDS5 , VDDS6 ,
VDDS7 , VDDS8 , VDDA_1P8_CSI0, VDDA_1P8_OLDI0,
VDDA_1P8_SERDES0, VDDA_MCU, VDDA_PLL_CORE,
VDDA_PLL0_DDR, VDDA_PLL1_DDR, VDDA_PLL_DSS,
VDDA_PLL_MPU0, VDDA_PLL_MPU1, VDDA_PLL_PER0,
VDDA_SRAM_CORE0, VDDA_SRAM_CORE1, VDDA_SRAM_MPU0,
VDDA_SRAM_MPU1, VDDA_WKUP, VDDS_OSC1
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(2)
VDDA_3P3_IOLDO_WKUP,
VDDA_3P3_SDIO, VDDA_3P3_USB
VDDA_3P3_IOLDO0, VDDA_3P3_IOLDO1,
VDDS_DDR
WKUP_OSC0_XI, WKUP_OSC0_XO
(13)
RESETz, MCU_RESETz
RESETSTATz, MCU_RESETSTATz
WKUP_LFOSC0_XI, WKUP_LFOSC0_XO
(optional)
(3)(13)
OSC1_XI, OSC1_XO
(optional)
(9)(13)
PORz_OUT, MCU_PORz_OUT
(12)
MCU_BYP_POR
(5)
PORz, MCU_PORz
(4)
VDDSHV0_WKUP,VDDSHV1_WKUP, VDDSHV2_WKUP,
VDDSHV0, VDDSHV1, VDDSHV2, VDDSHV3, VDDSHV4,
VDDSHV5, VDDSHV6, VDDSHV7, VDDSHV8
VDD_MPU0, VDD_MPU1
VDD_CORE, VDD_DLL_MMC0, VDD_DLL_MMC1
VDD_MCU
VDD_WKUP0, VDD_WKUP1
Note 11
142
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
(9) OSC1 crystal clock sources is enabled by default. For the oscillator start-up time, see Table 5-25, OSC1 Switching Characteristics –
Crystal Mode. For more information about OSC1 clock source configuration, refer to device TRM.
(10) If WKUP LDO is used to power the WKUP domain, connect CAP_VDD_WKUP pin to VDD_WKUP0/1 pin. VDD_WKUP0/1 will start
ramping after VDDA_LDO_WKUP reaches a certain threshold. If WKUP LDO is bypassed, connect VDD_WKUP0/1 with VDD_MCU.
(11) PORz_OUT and MCU_PORz_OUT should be pulled down.
(12) Refer to the Clock Specifications section for the oscillator start-up time.
Figure 5-4 describes the Power-Up Sequencing using External Power-on-reset (POR), bypassing on-chip
POR circuit of the device.
Figure 5-4. Power-Up Sequencing using External Power-on-reset (POR), bypassing on-chip POR circuit
(1) Grey shaded areas are windows where it is valid to ramp the voltage rail.
(2) The VDDS[2:0]_WKUP, VDDS[8:0] are sourced from the same 1.8 V VDDSHV[2:0]_WKUP, VDDSHV[8:0] supply. If
VDDSHV[2:0]_WKUP, VDDSHV[8:0] is configured as 3.3 V, VDDS[2:0]_WKUP, VDDS[8:0] should be sourced from the internal IO bias
LDO.
(3) WKUP_LFOSC0 crystal clock source is enabled by default. For the oscillator start-up time, see Table 5-21, WKUP_OSC0 Switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com