Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 143 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 143 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 139Page - Texas Instruments AM6548 Datasheet HTML 140Page - Texas Instruments AM6548 Datasheet HTML 141Page - Texas Instruments AM6548 Datasheet HTML 142Page - Texas Instruments AM6548 Datasheet HTML 143Page - Texas Instruments AM6548 Datasheet HTML 144Page - Texas Instruments AM6548 Datasheet HTML 145Page - Texas Instruments AM6548 Datasheet HTML 146Page - Texas Instruments AM6548 Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 277 page
background image
143
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
Characteristics – Crystal Mode. For more information about WKUP_LFOSC0 clock source configuration, refer to device TRM.
(4) PORz should be pulled to VDDSHV0. MCU_PORz should be pulled to VDDSHV0_WKUP.
(5) MCU_BYP_POR should be pulled to VDDSHV0_WKUP.
(6) If any of the VDDSHV[0-8] rails are used as 3.3 V only, then these rails must be ramped-up with the 3.3 V power supplies.
(7) If MCU_BYP_POR is configured at 3.3 V only, then this signal must be ramped-up at the same time with the 3.3 V power supplies.
(8) If any of the RESETz, MCU_RESETz signals are configured at 3.3 V only, then these signals must be ramped-up at the same time with
the 3.3 V power supplies.
(9) OSC1 crystal clock sources is enabled by default. For the oscillator start-up time, see Table 5-25, OSC1 Switching Characteristics –
Crystal Mode. For more information about OSC1 clock source configuration, refer to device TRM.
(10) Blue dashed lines are not valid windows but show alternate ramp possibilities based on the associated note.
(11) If WKUP LDO is used to power the WKUP domain, connect CAP_VDD_WKUP pin to VDD_WKUP0/1 pin. VDD_WKUP0/1 will start
ramping after VDDA_LDO_WKUP reaches a certain threshold. If WKUP LDO is bypassed, connect VDD_WKUP0/1 with VDD_MCU.
(12) PORz_OUT and MCU_PORz_OUT should be pulled down.
(13) Refer to the Clock Specifications section for the oscillator start-up time.
5.9.2.3
Power-Down Sequencing
A typical power down sequence is to have the Power-on-Reset asserted, clock shut down, and ramp down
all the power supplies sequentially in the exact reverse order of the power-up sequencing. In other words,
the power supply that has been ramped up first should be the last one that is ramped down.
For AM654x/AM652x, there are no specific power-down sequencing requirements, except for asserting
Power-on-Reset before ramping down the rails while bypassing internal POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com