Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546 Datasheet(PDF) 194 Page - Texas Instruments

Part # AM6546
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6546 Datasheet(HTML) 194 Page - Texas Instruments

Back Button AM6546 Datasheet HTML 190Page - Texas Instruments AM6546 Datasheet HTML 191Page - Texas Instruments AM6546 Datasheet HTML 192Page - Texas Instruments AM6546 Datasheet HTML 193Page - Texas Instruments AM6546 Datasheet HTML 194Page - Texas Instruments AM6546 Datasheet HTML 195Page - Texas Instruments AM6546 Datasheet HTML 196Page - Texas Instruments AM6546 Datasheet HTML 197Page - Texas Instruments AM6546 Datasheet HTML 198Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 277 page
background image
D3
D1
CS#
RESET#
HYPERBUS_TIMING_03
HYPERBUS_TIMING_02
RWDS
DQ[7:0]
Command-Address
Host drives DQ[7:0] and Memory drives RWDS
CK and Data are center aligned
Host drives DQ[7:0] and RWDS
39:32
31:24
23:16
15:8
7:0
47:40
Dn
Dn
Dn+1 Dn+1
A
B
A
B
CK, CK#
CS#
D8/LFD8
D2
D9/LFD9
D7/LFD7
D6/LFD6
D10/LFD10
D4
D12/LFD12
D5/LFD5
D5/LFD5
194
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
Figure 5-60. HyperBus Timing Diagrams - Receiver Mode
Figure 5-61. HyperBus Timing Diagrams - Reset
For more information, see section HyperBus Interface in the device TRM.
5.9.5.12 I2C
For more details about features and additional description information on the device Inter-Integrated
Circuit, see the corresponding sections within Section 4.3, Signal Descriptions and Section 6, Detailed
Description.
Table 5-61, and Figure 5-62 assume testing over the recommended operating conditions and electrical
characteristic conditions.
Table 5-61. Timing Requirements for I2C Input Timings(1)(6)
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
I1
tc(SCL)
Cycle time, SCL
Standard
10000
ns
Fast
2500
ns
I2
tsu(SCLH-SDAL)
Setup time, SCL high before SDA low (for a repeated
START condition)
Standard
4700
ns
Fast
600
ns
I3
th(SDAL-SCLL)
Hold time, SCL low after SDA low (for a START and a
repeated START condition)
Standard
4000
ns
Fast
900
ns
I4
tw(SCLL)
Pulse duration, SCL low
Standard
4700
ns
Fast
1300
ns
I5
tw(SCLH)
Pulse duration, SCL high
Standard
4000
ns
Fast
600
ns
I6
tsu(SDAV-SCLH)
Setup time, SDA valid before SCL high
Standard
250
ns
Fast
100(2)
ns
I7
th(SCLL-SDAV)
Hold time, SDA valid after SCL low
Standard
0(3)
3450(4)
ns
Fast
0(3)
900(4)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com