Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6546 Datasheet(PDF) 197 Page - Texas Instruments

Part # AM6546
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6546 Datasheet(HTML) 197 Page - Texas Instruments

Back Button AM6546 Datasheet HTML 193Page - Texas Instruments AM6546 Datasheet HTML 194Page - Texas Instruments AM6546 Datasheet HTML 195Page - Texas Instruments AM6546 Datasheet HTML 196Page - Texas Instruments AM6546 Datasheet HTML 197Page - Texas Instruments AM6546 Datasheet HTML 198Page - Texas Instruments AM6546 Datasheet HTML 199Page - Texas Instruments AM6546 Datasheet HTML 200Page - Texas Instruments AM6546 Datasheet HTML 201Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 277 page
background image
I25
I23
I19
I18
I22
I27
I20
I21
I17
I18
I28
Stop
Start
Repeated
Start
Stop
I2C[x]_SDA
I2C[x]_SCL
I16
I26
I24
197
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Specifications
Copyright © 2017–2019, Texas Instruments Incorporated
NOTE
I2C emulation is achieved by configuring the LVCMOS buffers to output HiZ instead of
driving high when transmitting logic-1.
Figure 5-63. I2C Transmit Timing(1)
(1) x in I2Cx_SDA and I2Cx_SCL is 0, 1 or 2.
For more information, see section Inter-Integrated Circuit (I2C) Interface in the device TRM.
5.9.5.13 MCAN
For more details about features and additional description information on the device Controller Area
Network Interface, see the corresponding sections within Section 4.3, Signal Descriptions and Section 6,
Detailed Description.
Table 5-63 presents timing parameters for MCANi Interface.
Table 5-63. MCAN Register to Pin Timings
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
M1
tp(MCANi_TX)
Delay Time Max, Transmit Shift Register to MCANi_TX pin
Normal
10
ns
M2
tp(MCANi_RX)
Delay Time Max, MCANi_RX pin to receive shift register
Normal
10
ns
(1) i in MCANi_* = 0 or 1.
For more information, see section Controller Area Network (MCAN) in the device TRM.
5.9.5.14 MCASP
For more details about features and additional description information on the device Multichannel Audio
Serial Port, see the corresponding sections within Section 4.3, Signal Descriptions and Section 6, Detailed
Description.
Table 5-64, and Figure 5-64 present timing requirements for MCASP0 to MCASP2.
Table 5-64. Timing Requirements for MCASP(1)
NO.
PARAMETER
DESCRIPTION
Mode
MIN
MAX
UNIT
ASP1
tc(AHCLKRX)
Cycle time, AHCLKR/X
20
ns
ASP2
tw(AHCLKRX)
Pulse duration, AHCLKR/X high or low
0.5P - 2.5
(2)
ns
ASP3
tc(ACLKRX)
Cycle time, ACLKR/X
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com