Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATW2805S/MSTR Datasheet(PDF) 6 Page - International Rectifier

Part # ATW2805S/MSTR
Description  ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATW2805S/MSTR Datasheet(HTML) 6 Page - International Rectifier

  ATW2805S/MSTR Datasheet HTML 1Page - International Rectifier ATW2805S/MSTR Datasheet HTML 2Page - International Rectifier ATW2805S/MSTR Datasheet HTML 3Page - International Rectifier ATW2805S/MSTR Datasheet HTML 4Page - International Rectifier ATW2805S/MSTR Datasheet HTML 5Page - International Rectifier ATW2805S/MSTR Datasheet HTML 6Page - International Rectifier ATW2805S/MSTR Datasheet HTML 7Page - International Rectifier ATW2805S/MSTR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
www.irf.com
ATW28XXD Series
Connecting the inhibit input (Pin 8) to input common (Pin 10)
will cause the converter to shut down. It is recommended
that the inhibit pin be driven by an open collector device
capable of sinking at least 400µA of current. The open cir-
cuit voltage of the inhibit input is 11.5 ±1 VDC.
ATW28XXD Block Diagram
Application Information
Inhibit Function
EMI Filter
An optional external EMI filter (AFC461) is available that will
reduce the input ripple current to levels below the limits
imposed by MIL-STD-461B CEO3.
Device Synchronization
To take advantage of this capability, the system designer
must assign one of the converters as the master. Then, by
definition, the remaining converters become slaves and will
operate at the masters’ switching frequency.
The user should be aware that the synchronization sys-
tem is fail-safe; that is, the slaves will continue operating
should the master frequency be interrupted for any rea-
son. The layout must be such that the synchronization
output (pin 2) of the master device is connected to the
synchronization input (pin 2) of each slave device. It is
advisable to keep this run short to minimize the possibil-
ity of radiating the 250KHz switching frequency.
The appropriate parts must be ordered to utilize this fea-
ture. After selecting the converters required for the sys-
tem, a ‘MSTR’ suffix is added for the master converter
part number and a ‘SLV’ suffix is added for slave part
number. See Part Number section.
Typical Synchronization Connection
Whenever multiple DC/DC converters are utilized in a single
system, significant low frequency noise may be generated
due to the slight differences in the switching frequencies of
the converters (beat frequency noise). Because of the low
frequency nature of this noise (typically less than 10KHz), it
is difficult to filter out and may interfere with proper operation
of sensitive systems (communications, radar or telemetry).
Advanced Analog offers an option, which allows synchroni-
zation of multiple AHE/ATW type converters, thus eliminat-
ing this type of noise.
A T W 28xxD
A T W 28xxS
A F C 461
or
AF V 4 6 1
A T W 28xxD
or O ther
C o m patab le
+ In
+ In
+ In
Ca se
Ca se
Ca se
Re turn
Re turn
Re turn
Re turn
Re turn
Re turn
Ou tp ut
Ou tp ut
Ou tp ut
MS T R
SLV
SLV
+ In
Re turn
Ou tp ut
Re turn
Sy ste m
Bu s
Ou tp ut
Ou tp ut
3
4
+ V out
Re tu rn
P u ls e W idth
M o d u la to r
EM I
Filte r
1
8
10
+ In put
E nable
In put
Re tu rn
FB
Drive 1
Drive 2
2
S y nc
E rror A m p
& R eference
5 -V out



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com