Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATW2805S/MSTR Datasheet(PDF) 7 Page - International Rectifier

Part # ATW2805S/MSTR
Description  ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATW2805S/MSTR Datasheet(HTML) 7 Page - International Rectifier

  ATW2805S/MSTR Datasheet HTML 1Page - International Rectifier ATW2805S/MSTR Datasheet HTML 2Page - International Rectifier ATW2805S/MSTR Datasheet HTML 3Page - International Rectifier ATW2805S/MSTR Datasheet HTML 4Page - International Rectifier ATW2805S/MSTR Datasheet HTML 5Page - International Rectifier ATW2805S/MSTR Datasheet HTML 6Page - International Rectifier ATW2805S/MSTR Datasheet HTML 7Page - International Rectifier ATW2805S/MSTR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.irf.com
7
ATW28XXD Series
Pin Designation
ATW28XXD Case Outlines
Part Numbering
2.700
Max
2.360
1.350
Max
1.95
0.500
Max
0.05
0.040 D X
0.26 L P ins
4 X 0.400
=1.600
1.000
A TW 28 15 D / CH - M STR
M odel
In pu t V o ltag e
28 = 28V N o m inal
O u tp ut V olta ge
S ingle - 05 , 12, 15V D C
D u al - 12 = ±12V , 15 = ±1 5V
Ou tp uts
S = Sing le
D = Du a l
S creening
– , ES, H B , C H
S ync O p tion
MS T R = Ma s te r
SL V = Sla v e
O m it fo r S tandard
Pin No.
Designation
1
Positive Input
2
N/C Standard or
Sync. ( Optional )
3
Positive Output
4
Output Return
5
Negative Output
6
N/C
7
Case Ground
8
Inhibit
9
N/C
10
Input Return
Enable



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com