Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3647-R Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 2SC3647-R
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

2SC3647-R Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  2SC3647-R Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 2SC3647-R Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 2SC3647-R Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
■
Typical Characterisitics
2
0.01
5 7
7
3
0.1
2
5 7
3
2
3
1.0
10
100
2
3
2
3
5
7
2
1.0
5 7
2
2
3
7
10
5 7
3
100
10
100
2
3
5
7
3
5
7
2SA1417
2SC3647
2SC3647
VCE=10V
2SC3647
f=1MHz
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
For PNP minus sign is omitted.
For PNP minus sign is omitted.
fT -- IC
Collector Current, IC -- A
1.0
3
10
5
7
5
7
3
2
7 0.01
0.1
5 7
3
2
1.0
5 7
3
3
2
2
2SC3647
IC / IB=10
25°C
Ta= --25°C
75°C
2
0.01
0.1
5 7
7
3
2
1.0
5 7
3
2
3
100
10
2
3
5
7
1000
2
3
5
7
2SC3647
IC / IB=10
--25°C
25°C
Tc=75°C
VBE(sat) -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
0.01
3
0.1
5
7
7
5
2
3
1.0
5
5
7
2
3
2
7 1.0
5
3
2
2
7 10
5
3
2
7 100
5
ICP=3A
IC=2A
1ms
10ms
100
ms
DC
operation
2SC3647
A S O
For PNP minus sign is omitted.
Ta=25°C
Single pulse
Mounted on a ceramic board (250mm2
• 0.8mm)
Collector-to-Emitter Voltage, VCE -- V
0
0.2
0.4
0.5
0.6
0.8
1.8
1.6
1.4
1.5
1.2
1.0
0
0
1
0
8
0
2
0
60
0
6
1
0
4
140
120
2SC3647
PC -- Ta
Mounted
on
a ceramic
board
(250mm
2• 0.8mm)
Ambient Temperature, Ta -- °C
Infinite
heat sink
2SC3647
NPN Transistors
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com