Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3647-R Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 2SC3647-R
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

2SC3647-R Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  2SC3647-R Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 2SC3647-R Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 2SC3647-R Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC3647
NPN Transistors
■
Features
●
High breakdown voltage and large current capacity.
●
Complementary to 2SA1417
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
120
Collector - Emitter Voltage
VCEO
100
Emitter - Base Voltage
VEBO
6
Collector Current - Continuous
IC
2
Peak Collector Current
ICM
3
Collector Power Dissipation
PC
500
mW
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
℃
A
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
120
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA,RBE= ∞
100
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
6
Collector-base cut-off current
ICBO
VCB= 100 V , IE= 0
0.1
Emitter cut-off current
IEBO
VEB= 4V , IC=0
0.1
Collector-emitter saturation voltage
VCE(sat) IC=1A, IB=100mA
0.13
0.4
Base - emitter saturation voltage
VBE(sat) IC=1A, IB=100mA
0.85
1.2
DC current gain
hFE
VCE= 5V, IC= 100mA
100
400
Turn-ON Time
ton
80
Storage Time
tstg
1000
Fall Time
tf
50
Collector output capacitance
Cob
VCB= 10V,f=1MHz
16
pF
Transition frequency
fT
VCE= 10V, IC= 100mA
120
MHz
V
uA
V
See sepcified Test Circuit.
ns
■
Classification of hfe
Type
2SC3647-R
2SC3647-S
2SC3647-T
Range
100-200
140-280
200-400
Marking
CCR
CCS
CCT
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - 2SC3647-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3647-R KEXIN-2SC3647-R Datasheet
1Mb / 3P
NPN Transistors
More results

Similar Description - 2SC3647-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9013 KEXIN-KST9013 Datasheet
103Kb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com