Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMDCHR1008-R12 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SMDCHR1008-R12
Description  MINIATURE SMD CHIP INDUCTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMDCHR1008-R12 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SMDCHR1008-R12 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMDCHR1008-R12 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMDCHR1008-R12 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMDCHR1008-R12 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMDCHR1008-R12 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMDCHR1008-R12 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMDCHR1008-R12 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMDCHR1008-R12 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMDCHR1008-R12 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Quality
SRF
DCR
I dc
Inductance
Factor
(MHz)
(OHM)
( mA )
(Min)
L
Q
Min
Max
Max
SMDCH R1008 - 10N
10 nH
M K J
50
50
500
4100
0.08
1000
SMDCH
R1008 - 12N
12 nH
MKJ
50
50
500
3300
0.09
1000
SMDCH
R1008 - 15N
15 nH
MK
50
50
500
2500
0.10
1000
SMDCH
R1008 - 18N
18 nH
MKJ
50
50
350
2500
0.11
1000
SMDCH
R1008 - 22N
22 nH
MKJ
55
50
350
2400
0.12
1000
SMDCH
R1008 - 27N
27 nH
MK
55
50
350
1600
0.13
1000
SMDCH
R1008 - 33N
33 nH
KJG
60
50
350
1600
0.14
1000
SMDCH
R1008 - 39N
39 nH
KJG
60
50
350
1500
0.15
1000
SMDCH
R1008 - 47N
47 nH
KJG
65
50
350
1500
0.16
1000
SMDCH
R1008 - 56N
56 nH
KJG
65
50
350
1300
0.18
1000
SMDCH
R1008 - 68N
68 nH
KJG
65
50
350
1300
0.20
1000
SMDCH
R1008 - 82N
82 nH
KJG
60
50
350
1000
0.22
1000
SMDCH R1008 - R10
0.10uH
K J G
60
25
350
1000
0.56
650
SMDCH
R1008 - R12
0.12uH
KJG
60
25
350
950
0.63
650
SMDCH
R1008 - R15
0.15uH
KJG
45
25
100
850
0.70
580
SMDCH
R1008 - R18
0.18uH
KJG
45
25
100
750
0.77
620
SMDCH
R1008 - R22
0.22uH
KJG
45
25
100
700
0.84
500
SMDCH
R1008 - R27
0.27uH
KJG
45
25
100
600
0.91
500
SMDCH
R1008 - R33
0.33uH
KJG
45
25
100
570
1.05
450
SMDCH
R1008 - R39
0.39uH
KJG
45
25
100
500
1.12
470
SMDCH
R1008 - R47
0.47uH
KJG
45
25
100
450
1.19
470
SMDCH
R1008 - R56
0.56uH
KJG
45
25
100
415
1.33
400
SMDCH
R1008 - R62
0.62uH
KJG
45
25
100
375
1.40
300
SMDCH
R1008 - R68
0.68uH
KJG
45
25
100
375
1.47
400
SMDCH
R1008 - R75
0.75uH
MKJ
45
25
100
360
1.54
360
SMDCH
R1008 - R82
0.82uH
MKJ
45
25
100
350
1.61
400
SMDCH
R1008 - R91
0.91uH
MKJ
35
25
50
320
1.68
380
SMDCH R1008 - 1R0
1.0 uH
M K J
35
25
50
290
1.75
370
SMDCH
R1008 - 1R2
1.2 uH
MKJ
35
7.9
50
250
2.00
310
SMDCH
R1008 - 1R5
1.5 uH
MKJ
28
7.9
50
200
2.30
330
SMDCH
R1008 - 1R8
1.8 uH
MKJ
28
7.9
50
160
2.60
300
SMDCH
R1008 - 2R2
2.2 uH
MKJ
28
7.9
50
160
2.80
280
SMDCH
R1008 - 2R7
2.7 uH
MKJ
22
7.9
25
140
3.20
290
SMDCH
R1008 - 3R3
3.3 uH
MKJ
22
7.9
25
110
3.40
290
SMDCH
R1008 - 3R9
3.9 uH
MKJ
20
7.9
25
100
3.60
260
SMDCH
R1008 - 4R7
4.7 uH
MKJ
20
7.9
25
90
4.00
260
SMDCH
R1008 - 5R6
5.6 uH
MKJ
20
7.9
7.9
80
6.80
190
SMDCH
R1008 - 6R8
6.8 uH
MKJ
20
7.9
7.9
70
7.50
180
SMDCH
R1008 - 8R2
8.2 uH
MKJ
20
7.9
7.9
60
8.20
170
SMDCH R1008 - 100
10 uH
M K J
20
7.9
7.9
55
9.10
160
MINIATURE SMD CHIP INDUCTORS
Tole.
@H~
=
SMDCH
R 1008 TYPE
Part Number
Testing Freq.
(MHz)
3.4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com