Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMDCHR1008-R12 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SMDCHR1008-R12
Description  MINIATURE SMD CHIP INDUCTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMDCHR1008-R12 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  SMDCHR1008-R12 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMDCHR1008-R12 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMDCHR1008-R12 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMDCHR1008-R12 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMDCHR1008-R12 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMDCHR1008-R12 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMDCHR1008-R12 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMDCHR1008-R12 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMDCHR1008-R12 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MINIATURE SMD CHIP INDUCTORS
SMDCH
R 0805 TYPE
Fr equ en cy (M Hz)
Fr equ en cy (M Hz)
10
1
10
10 0
L VS FREQUENCY
10 0
1000
10
0
10
10 0
12 N
10,00 0
6N8
1000
22 N
68 N
R27
R47
1000
10,000
R27
90
50
20
30
40
70
60
80
R68
R47
TYPICA L Q VS FREQUENCY
10 0
47 N
6N8
22 N



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com