Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET3 Datasheet(PDF) 2 Page - Schneider Electric

Part # NET3
Description  Network SurgeArrest 3 Outlet 120V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

NET3 Datasheet(HTML) 2 Page - Schneider Electric

  NET3 Datasheet HTML 1Page - Schneider Electric NET3 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Maximum Depth
6.26 inches (159.0 mm)
Shipping Weight
1.3 lbs (0.58 kg)
Shipping Height
2.76 inches (70.0 mm)
Shipping Width
4.76 inches (121.0 mm)
Shipping Depth
7.5 inches (191.0 mm)
Master Carton Units
12.0
Master Carton Weight
15.6 lbs
SCC Codes
10731304000232
Color
Beige
Units per Pallet
768.0
Environmental
Operating Environment
32 - 104 °F (0 - 40 °C)
Operating Relative Humidity
0 - 95 %
Operating Elevation
0-10000 feet (0-3000 meters)
Storage Temperature
5 - 113 °F (-15 - 45 °C)
Storage Relative Humidity
0 - 95 %
Storage Elevation
0-50000 feet (0-15000 meters)
Conformance
Approvals
CSA , UL 1283 , UL 1449
Standard warranty
Lifetime
Equipment protection policy
Lifetime : $100000
UL 1449 TVSS Rating
330
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com