Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET3 Datasheet(PDF) 1 Page - Schneider Electric

Part # NET3
Description  Network SurgeArrest 3 Outlet 120V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

NET3 Datasheet(HTML) 1 Page - Schneider Electric

  NET3 Datasheet HTML 1Page - Schneider Electric NET3 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
NET3
Network SurgeArrest 3 Outlet 120V
NET3 has not been replaced. Please contact your customer care
center for more information.
Overview
Model Name
Network SurgeArrest 3 Outlet 120V
Includes
User Manual
Standard Lead Time
Usually in Stock
Product Distribution
Canada , Mexico , United States
Output
Number of Outlets
3
Receptacle Style
NEMA 5-15R
Input
Nominal Input Voltage
120V
Input Frequency
50/60 Hz +/- 5 Hz (auto sensing)
Input Connections
NEMA 5-15P
Maximum Line Current per phase
15.0 A
Surge Protection and Filtering
Surge energy rating
480 Joules
EP Joule Rating
3420 Joules
EMI/RFI Noise rejection (100 kHz to
10 MHz)
70.0 dB
Peak Current Normal Mode
13 kA
Peak Current Common Mode
26.0 kA
Data Line Protection
--
Data Lines Protected(multi-line only)
--
Let Through Voltage Rating
40
Physical
Net Weight
1.0 lbs (0.46 kg)
Maximum Height
2.0 inches (51.0 mm)
Maximum Width
4.26 inches (108.0 mm)
Apr 8, 2020
1


Similar Part No. - NET3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
NET3T SCHNEIDER-NET3T Datasheet
88Kb / 2P
Network SurgeArrest 3 Outlet w/Tel 120V
Apr 8, 2020
More results

Similar Description - NET3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NET9RMBLK ETC2-NET9RMBLK Datasheet
63Kb / 1P
APC Black Rackmount SurgeArrest 9 Outlet 120V
logo
Schneider Electric
NET3T SCHNEIDER-NET3T Datasheet
88Kb / 2P
Network SurgeArrest 3 Outlet w/Tel 120V
Apr 8, 2020
NET7 SCHNEIDER-NET7 Datasheet
76Kb / 2P
APC Network SurgeArrest, 7 outlet
Apr 8, 2020
NET8 SCHNEIDER-NET8 Datasheet
114Kb / 2P
APC Network SurgeArrest, 8 outlet
Apr 8, 2020
NET8N SCHNEIDER-NET8N Datasheet
117Kb / 2P
APC Network SurgeArrest, 8 outlet, network line protection
Apr 8, 2020
PRF7 SCHNEIDER-PRF7 Datasheet
81Kb / 2P
Performance SurgeArrest 7 Outlet 120V
Apr 8, 2020
PRF7T SCHNEIDER-PRF7T Datasheet
82Kb / 2P
Performance SurgeArrest 7 Outlet w/Tel 120V
Apr 8, 2020
PRF8T2 SCHNEIDER-PRF8T2 Datasheet
91Kb / 2P
Performance SurgeArrest 8 Outlet w/Tel 120V
Apr 8, 2020
PRF8TT SCHNEIDER-PRF8TT Datasheet
91Kb / 2P
Performance SurgeArrest 8 Outlet w/Tel-2 120V
Apr 8, 2020
PRF10TVNR SCHNEIDER-PRF10TVNR Datasheet
54Kb / 2P
Performance SurgeArrest 10 Outlet w/Tel, Coax & Network 120V Retail
Apr 8, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com