Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S2602FUD Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SL2S2602FUD
Description  ICODE SLIX2
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S2602FUD Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SL2S2602FUD Datasheet HTML 17Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 18Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 19Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 20Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 21Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 22Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 23Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 24Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
NXP Semiconductors
SL2S2602
ICODE SLIX2
SL2S2602
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Product data sheet
Rev. 4.1 — 25 July 2017
COMPANY PUBLIC
276341
21 / 55
Table 23. LOCK PASSWORD response format when Error_flag NOT set
SOF
Flags
CRC16
EOF
-
8 bits
16 bits
-
9.5.3.5 64 BIT PASSWORD PROTECTION
Command code = BBh
The 64-bit PASSWORD PROTECTION command enables the Label IC to be instructed
that both of the Read and Write passwords are required to get access to password
protected blocks (pages). This mode can be enabled if the Read and Write passwords
have been transmitted first with a SET PASSWORD command.
If the 64-bit password protection is enabled, both passwords are required for read & write
access to protected blocks (pages).
Once the 64 bit password protection is enabled, a change back to 32-bit password
protection (read and write password) is not possible.
Remark: A retransmission of the passwords is not required after the execution of the 64-
bit PASSWORD PROTECTION command.
Remark: The 64-bit PASSWORD PROTECTION does not include the 16 bit counter
block.
The timing of the command is write alike.
Table 24. 64 BIT PASSWORD PROTECTION request format
SOF
Flags
64 BIT
PASSWORD
PROTECTION
IC Mfg
code
UID
CRC16
EOF
-
8 bits
8 bits
8 bits
64 bits
optional
16 bits
-
Table 25. 64 BIT PASSWORD PROTECTION response format when Error_flag set
SOF
Flags
Error code
CRC16
EOF
-
8 bits
8 bits
16 bits
-
Table 26. 64 BIT PASSWORD PROTECTION response format when Error_flag NOT set
SOF
Flags
CRC16
EOF
-
8 bits
16 bits
-
9.5.3.6 PROTECT PAGE
Command code = B6h
The PROTECT PAGE command defines the protection pointer address of the user
memory to divide the user memory into two arbitrarily sized pages and defines the
access conditions for the two pages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com