Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S2602FUD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SL2S2602FUD
Description  ICODE SLIX2
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S2602FUD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SL2S2602FUD Datasheet HTML 4Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 5Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 6Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 7Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 8Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 9Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 10Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 11Page - NXP Semiconductors SL2S2602FUD Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
NXP Semiconductors
SL2S2602
ICODE SLIX2
SL2S2602
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Product data sheet
Rev. 4.1 — 25 July 2017
COMPANY PUBLIC
276341
8 / 55
7 Wafer Layout
aaa-016465
GND
LA
LB
TEST
not to scale
Figure 4. Wafer SL2S2602FUD/BG layout and pin configuration for the bare die
7.1 Pin Description
Table 4. Bonding pad description
Symbol
Description
LA
antenna RF input
LB
antenna RF input
GND
ground
TEST
test input
See Ref. 6 "General specification for 8" wafer on UV-tape with electronic fail die
marking".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com