Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7701MF Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7701MF
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7701MF Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMP7701MF Datasheet HTML 1Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 2Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 3Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 4Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 5Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3V Electrical Characteristics (Note 4) (Continued)
Unless otherwise specified, all limits are guaranteed for T
A = 25˚C, V
+ = 3V, V− = 0V, V
CM =V
+/2, and R
L > 10 k
Ω to V+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
i
n
Input-Referred Current Noise
f = 100 kHz
1
fA/
5V Electrical Characteristics (Note 4)
Unless otherwise specified, all limits are guaranteed for T = 25˚C, V
+ = 5V, V− = 0V, V
CM =V
+/2, and R
L > 10 k
Ω to V+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
±37
±200
±500
µV
TCV
OS
Input Offset Voltage Drift
(Note 7)
±1
±5
µV/˚C
I
B
Input Bias Current
(Notes 7, 8)
0.3
10
300
pA
I
OS
Input Offset Current
40
fA
CMRR
Common Mode Rejection Ratio
0V
≤ V
CM
≤ 5V
88
83
100
dB
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 12V, Vo = V+/2
86
82
98
dB
CMVR
Input Common-Mode Voltage Range
CMRR
≥ 80 dB
CMRR
≥ 78 dB
–0.2
–0.2
5.2
5.2
V
A
VOL
Large Signal Voltage Gain
R
L =2k
Ω
V
O = 0.3V to 4.7V
100
96
119
dB
R
L =10k
Ω
V
O = 0.2V to 4.8V
100
96
130
V
O
Output Swing High
R
L =2k
Ω to V+/2
4.89
4.87
4.94
V
R
L =10k
Ω to V+/2
4.95
4.93
4.96
Output Swing Low
R
L =2k
Ω to V+/2
0.05
0.08
0.09
V
R
L =10k
Ω to V+/2
0.03
0.04
0.05
I
O
Output Short Circuit Current
(Notes 3, 9)
Sourcing V
O =0V
V
IN = 100 mV
40
28
66
mA
Sinking V
O =5V
V
IN = −100 mV
40
28
76
I
S
Supply Current
0.715
1.0
1.2
mA
SR
Slew Rate (Note 10)
A
V = +1, VO =4VPP
10% to 90%
1.0
V/µs
GBW
Gain Bandwidth Product
2.5
MHz
THD+N
Total Harmonic Distortion + Noise
f = 1 kHz, Av = 1, R
L =1k
Ω
0.02
%
e
n
Input-Referred Voltage Noise
f = 1 kHz
12
nV/
i
n
Input-Referred Current Noise
f = 100 kHz
1
fA/
www.national.com
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com