Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7701MF Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7701MF
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7701MF Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMP7701MF Datasheet HTML 1Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 2Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 3Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 4Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 5Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
±5V Electrical Characteristics (Note 4)
Unless otherwise specified, all limits are guaranteed for T
A = 25˚C, V
+ = 5V, V− = –5V,V
CM =0, and RL > 10 k
Ω to V
CM.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
±37
±200
±500
µV
TCV
OS
Input Offset Voltage Drift
(Note 7)
±1
±5
µV/˚C
I
B
Input Bias Current
(Notes 7, 8)
0.3
10
300
pA
I
OS
Input Offset Current
40
fA
CMRR
Common Mode Rejection Ratio
–5V
≤ V
CM
≤ 5V
92
88
110
dB
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 12V, Vo = V
CM
86
82
98
dB
CMVR
Input Common-Mode Voltage
Range
CMRR
≥ 80 dB
CMRR
≥ 78dB
–5.2
–5.2
5.2
5.2
V
A
VOL
Large Signal Voltage Gain
R
L =2k
Ω
V
O = –4.7V to 4.7V
100
98
121
dB
R
L =10k
Ω
V
O = –4.8V to 4.8V
100
98
134
V
O
Output Swing High
R
L =2k
Ω to V
CM
4.85
4.83
4.91
V
R
L =10k
Ω to V
CM
4.92
4.90
4.96
Output Swing Low
R
L =2k
Ω to V
CM
−4.91
−4.87
-4.85
V
R
L =10k
Ω to V
CM
−4.96
−4.95
-4.94
I
O
Output Short Circuit Current
(Notes 3, 9)
Sourcing V
O =–5V
V
IN = 100 mV
50
35
86
mA
Sinking V
O =5V
V
IN = −100 mV
50
35
84
I
S
Supply Current
0.790
1.1
1.3
mA
SR
Slew Rate (Note 10)
A
V = +1, VO =9VPP
10% to 90%
1.1
V/µs
GBW
Gain Bandwidth Product
2.5
MHz
THD+N
Total Harmonic Distortion + Noise
f = 1 kHz, Av = 1, R
L =1k
Ω
0.02
%
e
n
Input-Referred Voltage Noise
f = 1 kHz
12
nV/
i
n
Input-Referred Current Noise
f = 100 kHz
1
fA/
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics Tables.
Note 2: Human Body Model: 1.5 k
Ω in series with 100 pF. Machine Model: 0Ω in series with 200 pF.
Note 3: The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) -TA)/ θJA . All numbers apply for packages soldered directly onto a PC board.
Note 4: Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of
the device.
Note 5: Typical values represent the parametric norm at the time of characterization.
Note 6: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlations using the Statistical Quality
Control (SQC) method.
Note 7: Guaranteed by design.
Note 8: Positive current corresponds to current flowing into the device.
Note 9: The short circuit test is a momentary test.
Note 10: The number specified is the slower of positive and negative slew rates.
www.national.com
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com