Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

235006. Datasheet(PDF) 2 Page - Littelfuse

Part # 235006.
Description  Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

235006. Datasheet(HTML) 2 Page - Littelfuse

  235006. Datasheet HTML 1Page - Littelfuse 235006. Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Axial Lead and Cartridge Fuses
425
www .littelfuse .com
Designed to UL/CSA Standards
5 x 20 mm Fast-Acting Fuse 235 Series
RoHS
®
UL
®
0235000
1
0235.400 XE
2
0235.100 XE
2
to
0.65
40
20+0.5
22.5 MAX
5.1+0.6
5.2+0.1
-0.2
5.1+0.6
6.0 MAX
0235006.XE
2
0235.500 XE
2
to
0.65*
40
22.5 MAX
5.8 MAX
All dimensions in mm
Notes:
* Ratings above 6.3A
ø0.8 mm dia lead
1 For RoHS compliant parts
add suffix 'XP'
2 For RoHS compliant parts
add suffix 'P'
Agency Approvals
Agency Approvals
Ampere Range
®
Certificate No. SU05001-3007
100mA – 400mA
SU05001-2002
500mA – 3A
SU05001-2003
4A – 6A
Listed File No.
E10480
Guide No.
JDYX
File No.
029862
Cert. Class No.
LR1422-01
Certificate No. Cartridge
NBK290502-E10480 G
1A – 3A 250V 100A
NBK280602-E10480 C
4A & 5A 125V 10000A
NBK290502-E10480 I
6A
125V 500A
Leaded
NBK290502-E10480 H
1A – 3A 250V 100A
NBK280602-E10480 D
4A & 5A 125V 10000A
NBK290502-E10480 J
6A
125V 500A
100mA – 6A
®
UL
100
10
1
0.1
0.1
1
10
100
1000
0.01
1000
10000
CURRENT IN AMPERES
Average Time Current Curves
Pb
11



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com