Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

235006. Datasheet(PDF) 1 Page - Littelfuse

Part # 235006.
Description  Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

235006. Datasheet(HTML) 1 Page - Littelfuse

  235006. Datasheet HTML 1Page - Littelfuse 235006. Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial Lead and Cartridge Fuses
424
www .littelfuse .com
Designed to UL/CSA Standards
5 x 20 mm Fast-Acting Fuse 235 Series
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
100%
4 hours, Minimum
135%
1 hour, Maximum
200%
5 second, Maximum
INTERRUPTING RATING:
0.10-1A
10,000 amperes at 125 VAC, 0.7-0.8 power factor
35 amperes at 250 VAC, 0.7-0.8 power factor
1.25A-3.15A 10,000 amperes at 125 VAC, 0.7-0.8 power factor
100 amperes at 250 VAC, 0.7-0.8 power factor
4A-6A
10,000 amperes at 125 VAC, 0.7-0.8 power factor
ORDERING INFORMATION:
RoHS compliant and Pb-free version available, add XP suffix to
standard catalog number
• Designed to UL/CSA/ANCE 248 Standard.
• Available in Cartridge and Axial Lead Format.
• Available in ratings of 0.100 to 6 amperes.
• RoHS compliant and Pb-free version available, add XP suffix to
standard catalog number
Nominal
Nominal
Catalog
Ampere
Voltage Resistance
Melting I2t
Number
Rating
Rating Cold Ohms
A2 Sec.
235.100
.100
250
8.40
0.00160
235.125
.125
250
5.75
0.00280
235.200
.200
250
3.15
0.00890
235.250
.250
250
2.25
0.0170
235.300
.300
250
1.60
0.0330
235.400
.400
250
1.08
0.0600
235.500
.500
250
0.455
0.0710
235.600
.600
250
0.318
0.115
235.700
.700
250
0.263
0.160
235.800
.800
250
0.195
0.260
235 001
1
250
0.153
0.480
235 1.25
1.25
250
0.106
1.12
235 01.6
1.6
250
0.0775
2.08
235 002
2
250
0.0600
2.72
235 02.5
2.5
250
0.0438
5.59
235 003
3
250
0.0348
8.62
235 004
4
125
0.0248
17.60
235 005
5
125
0.0185
28.15
235 006
6
125
0.0150
48.60
®
UL
®
RoHS
ENVIRONMENTAL SPECIFICATIONS:
Operating temperature: -55˚C to 125˚C
Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles –65°C to +125°C)
Vibration: MIL-STD-202F Method 201A
Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative
humidity (95%) and elevated temperature (40°C) for 240 hours.
Salt Spray: MIL-STD-202F Method 101D, Test Condition B
PHYSICAL SPECIFICATIONS:
Material: Body: Glass
Cap: Nickel Plated Brass
Leads: Tin Plated Copper
Terminal Strength: MIL-STD-202F Method 211A,
Test Condition A
Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A
Terminal strength: MIL-STD-202F Method 211A, Test Condition A
Product Marking: Cap 1: current and voltage rating.
Cap 2: Agency approval markings.
Packaging: Available in Bulk (v=5, H=100, M=1000 pcs/pkg) or on
Tape/Reel (MRET1=1000 pcs/reel).
Pb


Similar Part No. - 235006.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
235006P LITTELFUSE-235006P Datasheet
191Kb / 2P
5 x 20 mm Fast-Acting Fuse
More results

Similar Description - 235006.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
215.200 LITTELFUSE-215.200 Datasheet
125Kb / 2P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
216.050 LITTELFUSE-216.050 Datasheet
128Kb / 2P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
217.032 LITTELFUSE-217.032 Datasheet
133Kb / 2P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
0219.125A LITTELFUSE-0219.125A Datasheet
130Kb / 2P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
226 LITTELFUSE-226 Datasheet
90Kb / 1P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
227 LITTELFUSE-227 Datasheet
96Kb / 1P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
232 LITTELFUSE-232 Datasheet
124Kb / 2P
Axial Lead and Cartridge Fuses - Designed to METI Standard
233 LITTELFUSE-233 Datasheet
135Kb / 2P
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
234 LITTELFUSE-234 Datasheet
137Kb / 2P
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
239 LITTELFUSE-239 Datasheet
162Kb / 2P
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com