Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

348 Datasheet(PDF) 1 Page - Littelfuse

Part # 348
Description  Low Profile Snap Mount Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

348 Datasheet(HTML) 1 Page - Littelfuse

  348 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10
Fuseholders
337
www .littelfuse .com
For 3AG Fuses
Low Profile Snap Mount Type
APPROVALS: Recognized under the Components Program of
Underwriters Laboratories and Certified by CSA.
SPECIFICATIONS:
Electrical: 348 Series: Rated at 15 amps for any voltage up to
250 volts.
344 Series: Rated at 15 amps at lamp voltage shown below.
Dielectric Strength: 1500 volts minimum.
When designing indicating type fuseholders into a circuit, consideration
should be given to the resistance of fractional amperage fuses and the
parallel resistance of the indicator lamp and its resistor.
Mounting: Panel thickness range: .031" through .125".
Molded Parts: Black phenolic body (UL 94V0). Thermoplastic
bezel, cap and lens (UL94V2). See tables below for colors.
Terminals: Brass. Tin-plated.
Ambient Temperature:
Non-indicating: – 40°C to +85°C.
Indicating: – 40°C to +60°C.
Fuse Installation: Insert a fuse into the cap and push the assembly
into the body until it latches. Press in and down to unlatch for removal.
PATENTED
Blown-Fuse Indicating Snap Mount Type
APPROVALS AND SPECIFICATIONS: See above.
.054" DIA.
344 800 SERIES
.250" X .032"
344 600 SERIES
.187" X .020"
NEMA Q.C.
.054" DIA.
.85"
1.95" (WITH
FUSE ASSEMBLED)
.53"
.4"
.87"
.42"
ORDERING INFORMATION:
Catalog Number
3/16" Q.C.
1/4" Q.C.
Lamp
Lamp
Lens
Terminals
Terminals
Lamp Type
Voltage
Current
Resistor
Color
344 601
344 801
Incandescent
6
40 ma
No
Amber
344 602
344 802
Incandescent
14
80 ma
No
Amber
344 603
344 803
Incandescent
28
40 ma
No
Amber
344 604
344 804
Neon
120
1.2 ma
Yes
Clear
344 605
344 805
Neon
240
.3 ma
Yes
Clear
348 000 Series
344 600 Series
344 800 Series
Standard body and bezel color is black; other
bezel colors available on special order.
®
®
FUSE
PRESS
.85"
1.95" (WITH
FUSE ASSEMBLED)
.28"
.4"
.87"
.42"
.054" DIA.
348 800 SERIES
.250" X .032"
348 600 SERIES
.187" X .020"
NEMA Q.C.
.054" DIA.
ORDERING INFORMATION:
Six-Digit Catalog Numbers Consist of:
Series Number
Terminal Style
Bezel Color
Cap Color
_ _ _
_
_
_
348 for
6 for 3/16" wide NEMA
7 for Black
1 for Red
3AG Fuses
Q.C. Terminal
7 for Black
8 for 1/4" wide
Example:
3 4 8
6 1 1
Mounting Hole: .625" square
Mounting Hole: .625" square
®
®
Next
Previous


Similar Part No. - 348

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
348 ETC2-348 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
348 ETC2-348 Datasheet
68Kb / 1P
WASHERS
logo
Littelfuse
348 LITTELFUSE-348 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Structured Cable Produc...
348 STRUCTURED-CABLE-348 Datasheet
2Mb / 1P
48 PORT LOADED - CAT5E UTP PATCH PANEL, 2RU
03/2021
logo
Keystone Electronics Co...
348 KEYSTONE-348 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results

Similar Description - 348

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKPE ALPS-SKPE Datasheet
190Kb / 3P
Low-profile with High Operation Force (Snap-in Type)
SKQG ALPS-SKQG Datasheet
241Kb / 4P
5.2mm Square Low-profile (Surface Mount Type)
SKQR ALPS-SKQR Datasheet
180Kb / 3P
0.5mm Height Low-profile (Surface Mount Type)
SKRB ALPS-SKRB Datasheet
196Kb / 3P
0.55mm Height Low-profile (Surface Mount Type)
SKRM ALPS-SKRM Datasheet
179Kb / 3P
0.4mm Height Low-profile (Surface Mount Type)
SKRW ALPS-SKRW Datasheet
196Kb / 3P
3.7mm Square Low-profile (Surface Mount Type)
SKQG ALPS-SKQG_15 Datasheet
861Kb / 4P
5.2mm Square Low-profile (Surface Mount Type)
SKRB ALPS-SKRB_15 Datasheet
773Kb / 3P
0.55mm Height Low-profile (Surface Mount Type)
SKRW ALPS-SKRW_15 Datasheet
721Kb / 3P
3.7mm Square Low-profile (Surface Mount Type)
SKSH ALPS-SKSH Datasheet
779Kb / 3P
Low-profile (Surface Mount Type)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com