Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320UC5405 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320UC5405
Description  Fixed-Point Digital Signal Processor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5405 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320UC5405 Datasheet HTML 17Page - Texas Instruments TMS320UC5405 Datasheet HTML 18Page - Texas Instruments TMS320UC5405 Datasheet HTML 19Page - Texas Instruments TMS320UC5405 Datasheet HTML 20Page - Texas Instruments TMS320UC5405 Datasheet HTML 21Page - Texas Instruments TMS320UC5405 Datasheet HTML 22Page - Texas Instruments TMS320UC5405 Datasheet HTML 23Page - Texas Instruments TMS320UC5405 Datasheet HTML 24Page - Texas Instruments TMS320UC5405 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
Functional Overview
21
October 2002 − Revised October 2004
SPRS199B
3.1.3 Memory Map
Page 0 Program
Hex
Data
On-Chip DARAM
(OVLY = 1)
External
(OVLY = 0)
MP/MC= 0
(Microcomputer Mode)
MP/MC= 1
(Microprocessor Mode)
0000
007F
0080
FFFF
Reserved
(OVLY = 1)
External
(OVLY = 0)
Memory
Mapped
Registers
On-Chip DARAM
(16K x 16-bit)
ROM (DROM=1)
or External†
(DROM=0)
0080
FFFF
Hex
0000
FF00
FEFF
EFFF
F000
FFFF
3FFF
4000
0060
007F
0000
Hex
Page 0 Program
External†
Scratch-Pad
RAM
Reserved
(DROM=1)
or External
(DROM=0)
005F
Reserved
(OVLY = 1)
External
(OVLY = 0)
007F
0080
3FFF
4000
On-Chip DARAM
(OVLY = 1)
External
(OVLY = 0)
FF00
FEFF
EFFF
F000
On-Chip ROM
(4K x 16-bit)
Interrupts
(On-Chip)
3FFF
4000
Reserved
FF7F
FF80
External†
External†
FF7F
FF80
Reserved
† Only six of the 16 total TMS320UC5405 address bits are available to the external interface; therefore, only 64 unique external addresses are
available, regardless of the actual 16-bit address generated internally. These 64 addresses are those resulting from the truncation of the upper
address bits (A6 and above). This results in these 64 addresses being repeated throughout all of the external address space.
Figure 3−2. TMS320UC5405 Memory Map
3.1.4 Implications of 6-Bit Addressing
TMS320UC5405 provides only six of the 16 total address bits to the external interface. Therefore, only
64 unique external addresses are available, regardless of the actual 16-bit address generated internally.
These 64 addresses are those resulting from the truncation of the upper address bits (A6 through A15). This
results in these 64 addresses being repeated throughout all of the external address space.
If more than 64 external locations need to be addressed, a paging scheme can be used to expand the
addressing capability as necessary. In this paging scheme, an external register is used to supply the upper
addresses (A6 through A15) for the memory reach greater than six bits. The external register is loaded by
having the 5405 write to a location in I/O space whose data lines are the higher address bits as shown in
Figure 3−3. This scheme can be implemented using either a simple external latch, or can be included in a
FPGA. This paging scheme can be implemented without any decoding required and shares the same bus
with the SRAM and the DSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com