Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSP06EMA24S Datasheet(PDF) 1 Page - Schneider Electric

Part # SSP06EMA24S
Description  Surge Protect - EMA - 240kA - 240VAC delta - 3P3W - T4X
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

SSP06EMA24S Datasheet(HTML) 1 Page - Schneider Electric

  SSP06EMA24S Datasheet HTML 1Page - Schneider Electric SSP06EMA24S Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
SSP06EMA24S
Surge Protect - EMA - 240kA - 240VAC delta -
3P3W - T4X
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 8,171.10 USD
Main
Product
Surge protection device
Range
Surgelogic
Device Short Name
EMA
Complementary
Surge Current
240 kA
Voltage Rating
240 V delta AC
Number of Phases
3 phase
Wiring Configuration
3-wire
Connection
Lugs AWG 10...AWG 2 copper 35.40 lbf.in (4 N.m)
MCOV
300 V
Nominal Discharge Current
20 kA
SCCR
200 kA
Local Signalling
Status LED green per phase normal operation
Status LED red per phase fault
Provided Equipment
Alarm enable/disable switch
Surge counter
Dry contacts
Device Mounting
Surface
Height
22.44 in (570 mm)
Width
11.02 in (280 mm)
Depth
9.06 in (230 mm)
Environment
Enclosure Rating
NEMA 4X
Enclosure Material
stainless steel
Apr 10, 2020
1


Similar Part No. - SSP06EMA24S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP06EMA24SD SCHNEIDER-SSP06EMA24SD Datasheet
118Kb / 2P
Surge Protect - EMA - 240kA - 240VAC delta - 3P3W - T4X - SW
More results

Similar Description - SSP06EMA24S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP05EMA24S SCHNEIDER-SSP05EMA24S Datasheet
118Kb / 2P
Surge Protect - EMA - 240kA - 480VAC delta - 3P3W - T4X
Apr 10, 2020
SSP06EMA10S SCHNEIDER-SSP06EMA10S Datasheet
118Kb / 2P
Surge Protect - EMA - 100kA - 240VAC delta - 3P3W - T4X
Apr 10, 2020
SSP06EMA12S SCHNEIDER-SSP06EMA12S Datasheet
118Kb / 2P
Surge Protect - EMA - 120kA - 240VAC delta - 3P3W - T4X
SSP06EMA16S SCHNEIDER-SSP06EMA16S Datasheet
118Kb / 2P
Surge Protect - EMA - 160kA - 240VAC delta - 3P3W - T4X
SSP06EMA20S SCHNEIDER-SSP06EMA20S Datasheet
118Kb / 2P
Surge Protect - EMA - 200kA - 240VAC delta - 3P3W - T4X
SSP06EMA24 SCHNEIDER-SSP06EMA24 Datasheet
128Kb / 2P
Surge Protect - EMA - 240kA - 240VAC delta - 3P3W - T1
SSP06EMA24SD SCHNEIDER-SSP06EMA24SD Datasheet
118Kb / 2P
Surge Protect - EMA - 240kA - 240VAC delta - 3P3W - T4X - SW
SSP06EMA32S SCHNEIDER-SSP06EMA32S Datasheet
118Kb / 2P
Surge Protect - EMA - 320kA - 240VAC delta - 3P3W - T4X
SSP06EMA48S SCHNEIDER-SSP06EMA48S Datasheet
118Kb / 2P
Surge Protect - EMA - 480kA - 240VAC delta - 3P3W - T4X
SSP09EMA24S SCHNEIDER-SSP09EMA24S Datasheet
116Kb / 2P
Surge Protect - EMA - 240kA - 600VAC delta - 3P3W - T4X
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com