Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP20AC Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP20AC
Description  20W 4KV Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP20AC Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP20AC Datasheet HTML 1Page - Toppower Electronic Technology Limited TP20AC Datasheet HTML 2Page - Toppower Electronic Technology Limited TP20AC Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP20AC Series
www.gztoppower.com
TEL:0086-20-62162688
Email:sales2@gztoppower.com
Page1 / 3
DESCRIPTION:
TP20AC series is 20W with wide input voltage range, for both AC input and DC input application, come with low power
consumption <0.1W , low Leakage current @0.1mA, miniature size: 50.8*25.4*15.5mm ,and good EMC performance,
can meet the EMC and safety specifications : IEC/EN61000-4、CISPR22/EN55022、UL60950/EN60950/EN60601 and
other related standards.This series of products are widely used in smart home, high-end lighting, medical, industrial
control, office and civil industries ,etc. ***please refer to the application circuit when the parts is applied in the
environment with severe electromagnetic compatibility.
20W 4KV Isolation Wide Input AC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
Miniature @ height 1.55CM
High efficiency, up to 89%
Input voltage range (90-264 Vac,50/60Hz)
Low Ripple &Noise,Output protection
EMC surge> level 4
Low power consumption <0.1W
RoHS compliant
Operating temperature: -40℃ to 70℃
/
SELECTION GUIDE
Part Number
Input
Output
Efficiency
(%)(Typ)
Ripple
&Niose
(mv)
Voltage VAC
Voltage VDC
Voltage (VDC)
Current (A)
TP20AC220S03W
90-264
100-370
3.3
4.0
84
100
TP20AC220S05W
90-264
100-370
5
4.0
86
100
TP20AC220S09W
90-264
100-370
9
2.2
86
100
TP20AC220S12W
90-264
100-370
12
1.66
88
100
TP20AC220S15W
90-264
100-370
15
1.33
88
100
TP20AC220S24W
90-264
100-370
24
0.83
88
100
Above PN suffix with “A”for wire package, for example: TP20AC220S05WA
INPUT SPECIFICATIONS
Input Voltage Range
90~ 264VAC (≦115VAC derating @0.2W/VAC)
100~ 370VDC
Input Frequency
47 ~ 440Hz
Input Current
(typ.)
360mA /115VAC
205mA /230VAC
Inrush Current (typ.)
30A/230 VAC
Recommended External Fuse
T2A/250
Leakage current
(typ.)
<0.1mA at 265VAC/50Hz
PROTECTION SPECIFICATIONS
over-voltage/over-current/short circuit protection, self-recovery

OUTPUT SPECIFICATIONS
Output Voltage Accuracy
±2.0%
Line Regulation
±1.0%
Load Regulation
±1.0%
Start rising time (typ.)
100ms/230VAC
200ms/115VAC at full load
Output hold time (typ.)
40ms/230VAC
15ms/115VAC at full load
ENVIRONMENT CHARACTERISTICS
Operating Temperature
-40~+70 ℃ (≧40℃ derating @0.2W/℃)
Operating Humidity
85% .RH max
Storage Temperature
-40~+85, 10~95% RH
Temperature Coefficient
0.03%/(0~ 50℃)
Vibration coefficient
10~500Hz,2G10min./1cycle, 60min.each along X,Y,Z axes
TOPPOWER


Similar Part No. - TP20AC

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP20AC TOPPOWER-TP20AC Datasheet
730Kb / 3P
20W 4KVAC Isolation Wide Input AC/DC Converters
TP20AC220S03W TOPPOWER-TP20AC220S03W Datasheet
730Kb / 3P
20W 4KVAC Isolation Wide Input AC/DC Converters
TP20AC220S05W TOPPOWER-TP20AC220S05W Datasheet
730Kb / 3P
20W 4KVAC Isolation Wide Input AC/DC Converters
TP20AC220S09W TOPPOWER-TP20AC220S09W Datasheet
730Kb / 3P
20W 4KVAC Isolation Wide Input AC/DC Converters
TP20AC220S12W TOPPOWER-TP20AC220S12W Datasheet
730Kb / 3P
20W 4KVAC Isolation Wide Input AC/DC Converters
More results

Similar Description - TP20AC

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP05AC TOPPOWER-TP05AC Datasheet
245Kb / 3P
5W 4KV Isolation Wide Input AC/DC Converters
TP10AC TOPPOWER-TP10AC Datasheet
245Kb / 3P
10W 4KV Isolation Wide Input AC/DC Converters
TP20AU TOPPOWER-TP20AU Datasheet
215Kb / 4P
20W 2.5KV Isolation Wide Input AC/DC Converters
TP20DD TOPPOWER-TP20DD Datasheet
221Kb / 4P
20W Wide Input Voltage DC/DC Converters
TP06AC TOPPOWER-TP06AC Datasheet
246Kb / 3P
6W 4KV Isolation Wide Input AC/DC Converters
TP20AC TOPPOWER-TP20AC Datasheet
730Kb / 3P
20W 4KVAC Isolation Wide Input AC/DC Converters
TP20AU TOPPOWER-TP20AU_19 Datasheet
195Kb / 4P
20W 3KVAC Isolation Wide Input AC/DC Converters
TP10AC TOPPOWER-TP10AC_V01 Datasheet
811Kb / 3P
10W 4KVAC Isolation Wide Input AC/DC Converters
TP05AS TOPPOWER-TP05AS_V01 Datasheet
848Kb / 4P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V02 Datasheet
426Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com