Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP20AC Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP20AC
Description  20W 4KV Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP20AC Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP20AC Datasheet HTML 1Page - Toppower Electronic Technology Limited TP20AC Datasheet HTML 2Page - Toppower Electronic Technology Limited TP20AC Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP20AC Series
www.gztoppower.com
TEL:0086-20-62162688
Email:sales2@gztoppower.com
Page2 / 3
SAFETY & ELECTROMAGNETIC COMPATIBILITY
Safety Standard
EN60950,EN60601,UL60950
Isolation voltage
I/P-O/P:4000VAC
Isolation resistance
I/P-O/P>100M Ohms/500VDC 25℃ 70% RH
Conduction and Radiation
EN55011, EN55022 (CISPR22) CLASS B(refer toTypical application circuit)
Electrostatic Discharge ( ESD)
IEC/EN 61000-4-2 level 4 8kV/15kV(refer toTypical application circuit)
RF radiation immunity (RF)
IEC/EN 61000-4-3 (refer toTypical application circuit)
Electrical Fast Transient Burst (EFT)
IEC/EN 61000-4-4 level 4 4kV (refer toTypical application circuit)
Surge
IEC/EN 61000-4-5 level 4 2kV
OTHERS
MTBF
200K hrs min.
MIL-HDBK-217F(25)
Dimensions
50.80*25.40*15.50mm
NOTES
1. The data in this manual are measured at TA=25 ° C, humidity <75%, input nominal voltage 230Vac and output rated load,except for special instructions.
2. Ripple and noise are measured with a bandwidth of 20MHz, using a 300mm twisted pair, base on the application circuit in this data sheet
3. This power supply is considered as a component in the system, and it is necessary to confirm the electromagnetic compatibility with the terminal equipment.
APPLICATION CIRCUIT
Notes:
1.C5/C6 is electrolytic capacitor ,recommend to use High-frequency low-resistance electrolytic capacitor
(the capacitance and current refer to data sheet) ,C4is to filter out high frequency noise
2.The EMC filter within the dashed box is connected to meet the higher EMC requirements.it is not necessary in the general application
3. The components L1,CX,NF in the dashed box, we have made them into a filter , Named PN: FA01
APPLICATION CIRCUIT TYPICAL VALUES
 Component
PN

FUSE
NTC
MOV
L1
CX
NF
L2
C5/C6
C4
D1
TP20AC220S03W
T2A
/250V
External
connect to
NTC
( Thermistor),
model:10D-9
MOV
(Varistors)
recommend
value
14D471K
1mH/
0.8A
CX is
Safety
grade X
capacitance
104K/275V
NF is
Common-mode
inductance,
the value
30mH,
current 0.5A.
10uH
/3A
2200uF/16
104K/50V
ceramic
capacitor
P6KE6.8A
TP20AC220S05W
2200uF/16
P6KE6.8A
TP20AC220S09W
1000uF/16
P6KE16A
TP20AC220S12W
680uF/16V
P6KE16A
TP20AC220S15W
470uF/25V
P6KE20A
TP20AC220S24W
220uF/35V
P6KE33A
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com