Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBJ2102M Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # VBJ2102M
Description  P-Channel 100-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBJ2102M Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  VBJ2102M Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBJ2102M Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBJ2102M Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBJ2102M Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBJ2102M Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBJ2102M Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBJ2102M Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBJ2102M Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
P-Channel 100-V (D-S) MOSFET
FEATURES
•
TrenchFET® Power MOSFET
•100% Rg and UIS Tested
APPLICATIONS
• Active Clamp in Intermediate DC/
DC Power Supplies
•
H-Bridge
High
Side
Switch
for
Lighting Application
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. t = 10 s.
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. Maximum under steady state conditions is 80 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
Qg (Typ.)
- 100
0.200 at VGS = - 10 V
- 3.0
13.2 nC
0.230 at VGS = - 6 V
- 2.4
S
G
D
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 3.0
A
TC = 70 °C
-2.1
TA = 25 °C
- 2a, b
TA = 70 °C
- 1.6a, b
Pulsed Drain Current
IDM
- 12
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 4.9
TA = 25 °C
- 2.5a, b
Avalanche Current
L = 0.1 mH
IAS
- 15
Single-Pulse Avalanche Energy
EAS
11.25
mJ
Maximum Power Dissipation
TC = 25 °C
PD
6.5
W
TC = 70 °C
4.8
TA = 25 °C
3.1a, b
TA = 70 °C
2a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, b
t
10 s
RthJA
33
40
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
17
21
Available
VBJ2102M
www.VBsemi.com
SOT-223
G
D
S
D
1


Similar Part No. - VBJ2102M

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBJ2456 VBSEMI-VBJ2456 Datasheet
603Kb / 8P
P-Channel 35 V (D-S) MOSFET
VBJ2658 VBSEMI-VBJ2658 Datasheet
578Kb / 7P
P-Channel 60-V (D-S) MOSFET
More results

Similar Description - VBJ2102M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM90P10-19L VISHAY-SUM90P10-19L Datasheet
229Kb / 3P
P-Channel 100-V (D-S) MOSFET
24-Jul-06
logo
Analog Power
AM90P10-30P ANALOGPOWER-AM90P10-30P Datasheet
123Kb / 3P
P-Channel 100-V (D-S) MOSFET
AM3471P ANALOGPOWER-AM3471P Datasheet
101Kb / 3P
P-Channel 100-V (D-S) MOSFET
AM7411P ANALOGPOWER-AM7411P Datasheet
372Kb / 5P
P-Channel 100-V (D-S) MOSFET
AM40P10-200P ANALOGPOWER-AM40P10-200P Datasheet
342Kb / 5P
P-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SISS71DN VISHAY-SISS71DN Datasheet
254Kb / 9P
P-Channel 100 V (D-S) MOSFET
11-Jul-16
SI7457DP VISHAY-SI7457DP Datasheet
317Kb / 13P
P-Channel 100-V (D-S) MOSFET
16-Feb-09
SUP40P10-43 VISHAY-SUP40P10-43 Datasheet
106Kb / 6P
P-Channel 100-V (D-S) MOSFET
05-Oct-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com