Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBJ2102M Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # VBJ2102M
Description  P-Channel 100-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBJ2102M Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  VBJ2102M Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBJ2102M Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBJ2102M Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBJ2102M Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBJ2102M Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBJ2102M Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBJ2102M Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBJ2102M Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
4
8
12
16
20
0
246
8
10
VDS - Drain-to-Source Voltage (V)
V
GS =10 V thru 6 V
V
GS =5 V
V
GS =4 V
0.1
0.2
0.3
0.4
0.5
0.6
04
8
12
16
20
ID - DrainCurrent (A)
VGS =10 V
VGS =6 V
0
2
4
6
8
10
0
ID =3A
Qg - TotalGateCharge(nC)
VDS =100 V
VDS =50 V
VDS =75 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0.0
0.4
0.8
1.2
1.6
2.0
0123
456
VGS - Gate-to-Source Voltage (V)
TC =25
TC = 125 °C
T = - 55 °C
C
Crss
0
240
480
720
960
1200
020
40
60
80100
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
0.4
0.7
1.0
1.3
1.6
1.9
2.2
- 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
I
D =4A
V
GS =10 V
V
GS =6 V
4
8
12
16
20
VBJ2102M
www.VBsemi.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com