Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74LS197N Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74LS197N
Description  Presettable Binary Counters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS197N Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM74LS197N Datasheet HTML 1Page - National Semiconductor (TI) DM74LS197N Datasheet HTML 2Page - National Semiconductor (TI) DM74LS197N Datasheet HTML 3Page - National Semiconductor (TI) DM74LS197N Datasheet HTML 4Page - National Semiconductor (TI) DM74LS197N Datasheet HTML 5Page - National Semiconductor (TI) DM74LS197N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics
VCC ea50V TA ea25 C
RL e 2kX
Symbol
Parameter
CL e 15 pF
Units
Min
Max
fMAX
Max CLK Frequency
55
MHz
tPLH
Propagation Delay
15
ns
tPHL
CP0 to Q0
15
tPLH
Propagation Delay
34
ns
tPHL
CP1toQ2
34
tPLH
Propagation Delay
27
ns
tPHL
P2 to Q2
44
tPLH
Propagation Delay
39
ns
tPHL
PL to Q2
45
tPLH
Propagation Delay
15
ns
tPHL
CP1toQ1
17
tPLH
Propagation Delay
55
ns
tPHL
CP1toQ3
63
tPHL
Propagation Delay MR to Q3
42
ns
Logic Diagram
TLF10180 – 4
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com