Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74LS197N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74LS197N
Description  Presettable Binary Counters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS197N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM74LS197N Datasheet HTML 1Page - National Semiconductor (TI) DM74LS197N Datasheet HTML 2Page - National Semiconductor (TI) DM74LS197N Datasheet HTML 3Page - National Semiconductor (TI) DM74LS197N Datasheet HTML 4Page - National Semiconductor (TI) DM74LS197N Datasheet HTML 5Page - National Semiconductor (TI) DM74LS197N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF10180
February 1992
DM74LS197 Presettable Binary Counters
General Description
The ’LS197 ripple counter contains divide-by-two and di-
vide-by-eight sections which can be combined to form a
modulo-16 binary counter State changes are initiated by
the falling edge of the clock The ’LS197 has a Master Re-
set (MR) input which overrides all other inputs and asyn-
chronously forces all outputs LOW A Parallel Load input
(PL) overrides clocked operations and asynchronously
loads the data on the Parallel Data inputs (Pn) into the flip-
flops This preset feature makes the circuit usable as a pro-
grammable counter The circuit can also be used as a 4-bit
latch loading data from the Parallel Data inputs when PL is
LOW and storing the data when PL is HIGH For detail spec-
ifications and functional description please refer to the
’LS196 data sheet
Features
Y
High counting ratesTypically 70 MHz
Y
Asynchronous preset
Y
Asynchronous master reset
Connection Diagram
Dual-In-Line Package
TLF10180 – 1
Order Number DM74LS197M or DM74LS197N
See NS Package Number M14A or N14A
Pin Names
Description
CP0
d
2 Section Clock Input
(Active Falling Edge)
CP1
d
8 Section Clock Input
(Active Falling Edge)
MR
Asynchronous Master Reset Input
(Active LOW)
P0 – P3
Parallel Data Inputs
PL
Asynchronous Parallel Load Input
(Active LOW)
Q0
d
2 Section Output
Q1–Q3
d
8 Section Outputs
Q0 output is guaranteed to drive the full rated fan-out plus the CP1 input
Mode Select Table
Inputs
Response
MR
PL
CP
L
X
X
Qn Forced LOW
HL
X
Pn
xQn
HH
K
Count Up
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM74LS197N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS190 NSC-DM74LS190 Datasheet
174Kb / 8P
Synchronous 4-Bit Up/Down Counters with Mode Control
DM74LS190M NSC-DM74LS190M Datasheet
174Kb / 8P
Synchronous 4-Bit Up/Down Counters with Mode Control
DM74LS190N NSC-DM74LS190N Datasheet
174Kb / 8P
Synchronous 4-Bit Up/Down Counters with Mode Control
logo
Fairchild Semiconductor
DM74LS191 FAIRCHILD-DM74LS191 Datasheet
72Kb / 6P
Synchronous 4-Bit Up/Down Counter with Mode Control
logo
National Semiconductor ...
DM74LS191 NSC-DM74LS191 Datasheet
174Kb / 8P
Synchronous 4-Bit Up/Down Counters with Mode Control
More results

Similar Description - DM74LS197N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
logo
Texas Instruments
SN54176 TI-SN54176 Datasheet
350Kb / 8P
35-MHz PRESETTABLE DECADE AND BINARY COUNTERS/LATCHES
logo
System Logic Semiconduc...
SL74HC161 SLS-SL74HC161 Datasheet
85Kb / 9P
Presettable Counters
logo
Integrated Device Techn...
IDT74FCT161T IDT-IDT74FCT161T Datasheet
94Kb / 7P
FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTERS
logo
Intersil Corporation
CD54AC161 INTERSIL-CD54AC161 Datasheet
10Kb / 1P
Synchronous Presettable Binary Counters
June 1997
CD54AC163 INTERSIL-CD54AC163 Datasheet
10Kb / 1P
Synchronous Presettable Binary Counters
June 1997
CD54AC191 INTERSIL-CD54AC191 Datasheet
11Kb / 1P
Presettable Synchronous 4-Bit Binary Up/Down Counters
June 1997
logo
ON Semiconductor
MC74HC163 ONSEMI-MC74HC163 Datasheet
144Kb / 16P
Presettable Counters
June, 2001 ??Rev. 9
logo
National Semiconductor ...
DM74197 NSC-DM74197 Datasheet
86Kb / 4P
PRESETTABLE BINARY COUNTERS
logo
ON Semiconductor
MC74HC161A ONSEMI-MC74HC161A_13 Datasheet
167Kb / 15P
Presettable Counters
May, 2013 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com