Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127T Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCF2127T
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2127T Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCF2127T Datasheet HTML 35Page - NXP Semiconductors PCF2127T Datasheet HTML 36Page - NXP Semiconductors PCF2127T Datasheet HTML 37Page - NXP Semiconductors PCF2127T Datasheet HTML 38Page - NXP Semiconductors PCF2127T Datasheet HTML 39Page - NXP Semiconductors PCF2127T Datasheet HTML 40Page - NXP Semiconductors PCF2127T Datasheet HTML 41Page - NXP Semiconductors PCF2127T Datasheet HTML 42Page - NXP Semiconductors PCF2127T Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
PCF2127
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 8 — 19 December 2014
39 of 100
NXP Semiconductors
PCF2127
Accurate RTC with integrated quartz crystal for industrial applications
8.10.3 Register Hour_alarm
[1]
Hour mode is set by the bit 12_24 in register Control_1.
8.10.4 Register Day_alarm
Table 48.
Hour_alarm - hour alarm register (address 0Ch) bit allocation
Bit positions labeled as - are not implemented and return 0 when read. Bits labeled as X are undefined at power-on and
unchanged by subsequent resets.
Bit
7
6
5
4
3
2
1
0
Symbol
AE_H
-
AMPM
HOUR_ALARM (1 to 12) in 12-hour mode
HOUR_ALARM (0 to 23) in 24-hour mode
Reset
value
1
-
X
XXX
XX
Table 49.
Hour_alarm - hour alarm register (address 0Ch) bit description
Bit positions labeled as - are not implemented and return 0 when read. Bits labeled as X are undefined at power-on and
unchanged by subsequent resets.
Bit
Symbol
Value
Place value Description
7
AE_H
0
-
hour alarm is enabled
1
-
hour alarm is disabled
6
-
--unused
12-hour mode[1]
5
AMPM
0
-
indicates AM
1
-
indicates PM
4
HOUR_ALARM
0 to 1
ten’s place
hour alarm information coded in BCD format when in
12-hour mode
3to0
0 to9
unit place
24-hour mode[1]
5 to 4
HOUR_ALARM
0 to 2
ten’s place
hour alarm information coded in BCD format when in
24-hour mode
3to0
0 to9
unit place
Table 50.
Day_alarm - day alarm register (address 0Dh) bit allocation
Bit positions labeled as - are not implemented and return 0 when read. Bits labeled as X are undefined at power-on and
unchanged by subsequent resets.
Bit
7
6
5
4
3
2
1
0
Symbol
AE_D
-
DAY_ALARM (1 to 31)
Reset
value
1
-
X
XXX
XX
Table 51.
Day_alarm - day alarm register (address 0Dh) bit description
Bit positions labeled as - are not implemented and return 0 when read. Bits labeled as X are undefined at power-on and
unchanged by subsequent resets.
Bit
Symbol
Value
Place value Description
7
AE_D
0
-
day alarm is enabled
1
-
day alarm is disabled
6
-
--unused
5 to 4
DAY_ALARM
0 to 3
ten’s place
day alarm information coded in BCD format
3to0
0 to9
unit place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com