Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF2127T
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2127T Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF2127T Datasheet HTML 1Page - NXP Semiconductors PCF2127T Datasheet HTML 2Page - NXP Semiconductors PCF2127T Datasheet HTML 3Page - NXP Semiconductors PCF2127T Datasheet HTML 4Page - NXP Semiconductors PCF2127T Datasheet HTML 5Page - NXP Semiconductors PCF2127T Datasheet HTML 6Page - NXP Semiconductors PCF2127T Datasheet HTML 7Page - NXP Semiconductors PCF2127T Datasheet HTML 8Page - NXP Semiconductors PCF2127T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 100 page
background image
PCF2127
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 8 — 19 December 2014
2 of 100
NXP Semiconductors
PCF2127
Accurate RTC with integrated quartz crystal for industrial applications
Programmable 1 second or 1 minute interrupt
Programmable watchdog timer with interrupt
Programmable alarm function with interrupt capability
Programmable square wave output pin
Programmable countdown timer with interrupt
Clock operating voltage: 1.8 V to 4.2 V
Low supply current: typical 0.70
A at V
DD =3.3 V
3.
Applications
Electronic metering for electricity, water, and gas
Precision timekeeping
Access to accurate time of the day
GPS equipment to reduce time to first fix
Applications that require an accurate process timing
Products with long automated unattended operation time
4.
Ordering information
4.1 Ordering options
5.
Marking
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCF2127AT
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
PCF2127T
SO16
plastic small outline package; 16 leads;
body width 7.5 mm
SOT162-1
Table 2.
Ordering options
Product type number
Orderable part number Sales item
(12NC)
Delivery form
IC
revision
PCF2127AT/2
PCF2127AT/2Y
935299867518
tape and reel, 13 inch, dry pack
2
PCF2127T/2
PCF2127T/2Y
935299866518
tape and reel, 13 inch, dry pack
2
Table 3.
Marking codes
Product type number
Marking code
PCF2127AT/2
PCF2127AT
PCF2127T/2
PCF2127T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com