Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127T/2Y Datasheet(PDF) 44 Page - NXP Semiconductors

Part # PCF2127T/2Y
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2127T/2Y Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button PCF2127T/2Y Datasheet HTML 40Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 41Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 42Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 43Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 44Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 45Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 46Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 47Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 100 page
background image
PCF2127
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 8 — 19 December 2014
44 of 100
NXP Semiconductors
PCF2127
Accurate RTC with integrated quartz crystal for industrial applications
8.11.4 Countdown timer function
The countdown timer function is controlled by the WD_CD[1:0] bits in register
Watchdg_tim_ctl (see Table 55).
The timer counts down from the software programmed 8-bit binary value n in register
Watchdg_tim_val. When the counter reaches 1
• the countdown timer flag CDTF is set
• the counter automatically reloads
• and the next time period starts
Loading the counter with 0 effectively stops the timer.
Reading the timer returns the actual value of the countdown counter.
Counter reached 1, WDTF is set logic 1, reset pulse on the RST pin is generated for a time equal
to tw(rst).
Fig 24. WD_CD[1:0] = 11: watchdog activates a reset pulse when timed out
Table 59.
Specification of tw(rst)
WD_CD[1:0]
TF[1:0]
tw(rst)
11
00
244
s
01
15.625 ms
10
15.625 ms
11
15.625 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com