Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127T/2Y Datasheet(PDF) 50 Page - NXP Semiconductors

Part # PCF2127T/2Y
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2127T/2Y Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button PCF2127T/2Y Datasheet HTML 46Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 47Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 48Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 49Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 50Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 51Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 52Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 53Page - NXP Semiconductors PCF2127T/2Y Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 100 page
background image
PCF2127
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 8 — 19 December 2014
50 of 100
NXP Semiconductors
PCF2127
Accurate RTC with integrated quartz crystal for industrial applications
8.12.3 Timestamp registers
8.12.3.1
Register Timestp_ctl
8.12.3.2
Register Sec_timestp
Table 67.
Timestp_ctl - timestamp control register (address 12h) bit allocation
Bit positions labeled as - are not implemented and return 0 when read. Bits labeled as X are undefined at power-on and
unchanged by subsequent resets.
Bit
7
6
5
4
3
2
1
0
Symbol
TSM
TSOFF
-
1_O_16_TIMESTP[4:0]
Reset
value
0
0
-
XXX
XX
Table 68.
Timestp_ctl - timestamp control register (address 12h) bit description
Bit positions labeled as - are not implemented and return 0 when read. Bits labeled as X are undefined at power-on and
unchanged by subsequent resets.
Bit
Symbol
Value
Description
7
TSM
0
in subsequent events without clearing the timestamp
flags, the last event is stored
1
in subsequent events without clearing the timestamp
flags, the first event is stored
6
TSOFF
0
timestamp function active
1
timestamp function disabled
5
-
-
unused
4 to 0
1_O_16_TIMESTP[4:0]
1⁄16 second timestamp information coded in BCD
format
Table 69.
Sec_timestp - second timestamp register (address 13h) bit allocation
Bit positions labeled as - are not implemented and return 0 when read. Bits labeled as X are undefined at power-on and
unchanged by subsequent resets.
Bit
7
6
5
4
3
2
1
0
Symbol
-
SECOND_TIMESTP (0 to 59)
Reset
value
-
XX
XXX
XX
Table 70.
Sec_timestp - second timestamp register (address 13h) bit description
Bit positions labeled as - are not implemented and return 0 when read. Bits labeled as X are undefined at power-on and
unchanged by subsequent resets.
Bit
Symbol
Value
Place value Description
7
-
--unused
6 to 4
SECOND_TIMESTP
0 to 5
ten’s place
second timestamp information coded in BCD format
3to0
0 to9
unit place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com