Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103CWSFL Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SD103CWSFL
Description  SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SD103CWSFL Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SD103CWSFL Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SD103CWSFL Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SD103CWSFL Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD103AWSFL THRU SD103CWFL SOD-323FL
2 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
10
100
Fig.4 Maximum Non-Repetitive Peak
Forward Surage Current
Number of Cycles at 50Hz
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
03
06
09
12
15
18
00
Fig.2 Typical Reverse Characteristics
10
20
30
40
0
T =25
J
°C
T =100
J
°C
Reverse Voltage
(v)
50
0.1
1
10
100
1000
Fig.3 Forward Characteristics
200
400
600
800
0
FORWARD VOLTAGE VF(mV)
1000
0.1
10
1000
100
Fig.5 Typical Junction Capacitance
1
10
20
0
1
10
100
Reverse Voltage (V)
T =25
J
°C
f=1MHz
T =25
J
°C
T =100
J
°C
0.01
100
10
100
1000
Fig.6 Typical Transient Thermal Impedance
t, Pulse Duration
(sec)
0.1
1
10
2000
Fig.1 Power Derating Curve
100
200
300
400
500
600
0
25
50
75
100
125
150
TA,
Temperature (
Ambient
°C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com