Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103CWSFL Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SD103CWSFL
Description  SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SD103CWSFL Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SD103CWSFL Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SD103CWSFL Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SD103CWSFL Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SD103AWSFL THRU SD103CWFL SOD-323FL
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
SCHOTTKY BARRIER DIODE
FEATURES
Low Forward Voltage Drop
Guard Ring Construction for Transient Protection
Negligible Reverse Recovery Time
Low Capacitance
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: SOD-323FL
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 4.5mg / 0.00016oz
Pinning
1.Cathode
2.Anode
 
 
 
 
  1
2
 
 
SOD-323FL
Maximum Ratings and Electrical characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Parameter
Symbols
SD103AWSFL
SD103BWSFL
SD103CWSFL
Units
Peak Repetitive Reverse Voltage
VRRM
40
30
20
V
RMS reverse voltage
VRMS
28
21
14
V
Working Peak Reverse Voltage
VDC
40
30
20
V
Peak Forward Surge Current, 8.3ms Single Half Sine-
wave Superimposed On Rated Load(JEDEC
method)
IFSM
13
A
IF=20mA
0.37
Maximum Instantaneous Forward
Voltage
IF=200mA
VF
0.60
V
Power Dissipation
PD
200
mW
SD103AWSFL,VR=30V
5
-
-
SD103BWSFL,VR=20V
-
5
-
Reverse current
SD103CWSFL,VR=10V
IR
-
-
5
uA
Thermal Resistance, Junction to Ambient Air
RθJA
300
°C/W
SD103AWSFL
40
SD103BWSFL
30
Reverse voltage
IR=100uA
SD103CWSFL
V(BR)R
20
V
Reverse recovery time IF=IR=200mA,Irr=0.1xIR,
RL=100Ω
Trr
10
nS
Forward Continuons Current
IFM
350
mA
Total capacitance VR=0V.f=1MHZ
Ctot
50
pF
Junction temperature
Tj
125
°C
Storage temperature
Tstg
-55 ~ +150
°C
Marking Code
SD103AWSFL
S4
SD103BWSFL
S5
SD103CWSFL
S6


Similar Part No. - SD103CWSFL

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
SD103CWSFL YEASHIN-SD103CWSFL Datasheet
718Kb / 3P
Schottky Barrier Diode
More results

Similar Description - SD103CWSFL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com