Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8239 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8239
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8239 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8239 Datasheet HTML 7Page - Richtek Technology Corporation RT8239 Datasheet HTML 8Page - Richtek Technology Corporation RT8239 Datasheet HTML 9Page - Richtek Technology Corporation RT8239 Datasheet HTML 10Page - Richtek Technology Corporation RT8239 Datasheet HTML 11Page - Richtek Technology Corporation RT8239 Datasheet HTML 12Page - Richtek Technology Corporation RT8239 Datasheet HTML 13Page - Richtek Technology Corporation RT8239 Datasheet HTML 14Page - Richtek Technology Corporation RT8239 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
RT8239A/B/C
11
DS8239A/B/C-06 October 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
VOUT2 Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Load Current (A)
VIN = 12V, RTON = 100k
Ω, VENTRIP1 = 5V,
VENTRIP2 = 1.5V, ENLDO = 5V
DEM
ASM
VOUT2 Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Load Current (A)
VIN = 20V, RTON = 100k
Ω, VENTRIP1 = 5V,
VENTRIP2 = 1.5V, ENLDO = 5V
DEM
ASM
VOUT2 Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Load Current (A)
VIN = 8V, RTON = 100k
Ω, VENTRIP1 = 5V,
VENTRIP2 = 1.5V, ENLDO = 5V
DEM
ASM
VOUT1 Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Load Current (A)
VIN = 20V, RTON = 100k
Ω, VENTRIP1 = 1.5V
VENTRIP2 = 5V, ENLDO = 5V
DEM
ASM
VOUT1 Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Load Current (A)
VIN = 8V, RTON = 100k
Ω, VENTRIP1 = 1.5V
VENTRIP2 = 5V, ENLDO = 5V
DEM
ASM
VOUT1 Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Load Current (A)
VIN = 12V, RTON = 100k
Ω, VENTRIP1 = 1.5V
VENTRIP2 = 5V, ENLDO = 5V
DEM
ASM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com