Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8239 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT8239
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8239 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT8239 Datasheet HTML 11Page - Richtek Technology Corporation RT8239 Datasheet HTML 12Page - Richtek Technology Corporation RT8239 Datasheet HTML 13Page - Richtek Technology Corporation RT8239 Datasheet HTML 14Page - Richtek Technology Corporation RT8239 Datasheet HTML 15Page - Richtek Technology Corporation RT8239 Datasheet HTML 16Page - Richtek Technology Corporation RT8239 Datasheet HTML 17Page - Richtek Technology Corporation RT8239 Datasheet HTML 18Page - Richtek Technology Corporation RT8239 Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
RT8239A/B/C
15
DS8239A/B/C-06 October 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
OVP
Time (10ms/Div)
VIN = 12V, RTON = 100k
Ω, ENLDO = VIN, No Load
VOUT1
(2V/Div)
PGOOD
(5V/Div)
VOUT2
(2V/Div)
UVP
Time (100
μs/Div)
VIN = 12V, RTON = 100k
Ω, ENLDO = VIN
VOUT1
(2V/Div)
LGATE1
(10V/Div)
UGATE1
(50V/Div)
PGOOD
(5V/Div)
VOUT2 DEM-MODE Load Transient Response
Time (20
μs/Div)
ENLDO = VIN, IOUT2 =1A to 8A
VOUT2_AC
(50mV/Div)
Inductor
Current
(5A/Div)
UGATE2
(20V/Div)
LGATE2
(5V/Div)
VIN = 12V, RTON = 100k
Ω,
Power Off from ENTRIP2
Time (20ms/Div)
VIN = 12V, VENTRIP1 = VENTRIP2 = 1.5V,
ENLDO = VIN, RTON = 100k
Ω, No Load
VOUT2
(1V/Div)
PGOOD
(10V/Div)
ENTRIP2
(5V/Div)
RT8239B/C
VOUT1 DEM-MODE Load Transient Response
Time (20
μs/Div)
VIN = 12V, RTON = 100k
Ω,
ENLDO = VIN, IOUT1 =1A to 8A
VOUT1_AC
(50mV/Div)
Inductor
Current
(5A/Div)
UGATE1
(20V/Div)
LGATE1
(5V/Div)
Power On from ENTRIP2
Time (1ms/Div)
VIN = 12V, VENTRIP1 = VENTRIP2 = 1.5V,
ENLDO = VIN, RTON = 100k
Ω, No Load
VOUT2
(1V/Div)
PGOOD
(5V/Div)
ENTRIP2
(5V/Div)
RT8239B/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com