Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A720 Datasheet(PDF) 3 Page - Kemet Corporation

Part # A720
Description  A720 Polymer Aluminum
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A720 Datasheet(HTML) 3 Page - Kemet Corporation

  A720 Datasheet HTML 1Page - Kemet Corporation A720 Datasheet HTML 2Page - Kemet Corporation A720 Datasheet HTML 3Page - Kemet Corporation A720 Datasheet HTML 4Page - Kemet Corporation A720 Datasheet HTML 5Page - Kemet Corporation A720 Datasheet HTML 6Page - Kemet Corporation A720 Datasheet HTML 7Page - Kemet Corporation A720 Datasheet HTML 8Page - Kemet Corporation A720 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
T2078_A720 • 3/17/2020
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
3
Aluminum Organic Capacitor (AO-CAP)
A720 Polymer Aluminum
Qualification
Test
Condition
Characteristics
Endurance
105°Cat1.0V
R, 2,000 hours
ΔC/C
Within±10%ofinitialvalue(for≤16Vparts)
Within±20%ofinitialvalue(for≥16Vparts)
DF
≤initiallimit
DCL
Within1.25xinitiallimit
ESR
Within2.0xinitiallimit
Storage Life
105°Cat0volts,2,000hours
ΔC/C
Within±10%ofinitialvalue(for≤16Vparts)
Within±20%ofinitialvalue(for≥16Vparts)
DF
Within initial limits
DCL
Within1.25xinitiallimit
ESR
Within2.0xinitiallimit
Humidity
60°C,90%RH,500hours,noload
ΔC/C
Within−20/+50%ofinitialvalue
DF
Within2.0xinitiallimit
DCL
Within5.0xinitiallimit
Temperature
Stability
Extremetemperatureexposureata
successionofcontinuousstepsat+25°C,
−55°C,+25°C,+85°C,+105°C,+25°C
+25°C
−55°C
+85°C
+105°C
ΔC/C
IL*
±15%
±15%
±20%
DF
IL
IL
IL
IL
DCL
IL
N/A
2xIL
2xIL
Surge Voltage
105°C,1.32xRatedVoltage,33Ωresistance,
1,000 cycles
ΔC/C
Within±10%ofinitialvalue(for≤16Vparts)
Within±20%ofinitialvalue(for≥16Vparts)
DF
Within initial limits
DCL
Within initial limits
ESR
Within initial limits
Mechanical Shock/
Vibration
MIL–STD–202, Method 213, Condition I, 100 G Peak
MIL–STD–202, Method 204, Condition D,
10 Hz to 2,000 Hz, 20 G Peak
ΔC/C
Within±10%ofinitialvalue(for≤16Vparts)
Within±20%ofinitialvalue(for≥16Vparts)
DF
Within initial limits
DCL
Within initial limits
*IL = Initial Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com