Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A720 Datasheet(PDF) 5 Page - Kemet Corporation

Part # A720
Description  A720 Polymer Aluminum
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A720 Datasheet(HTML) 5 Page - Kemet Corporation

  A720 Datasheet HTML 1Page - Kemet Corporation A720 Datasheet HTML 2Page - Kemet Corporation A720 Datasheet HTML 3Page - Kemet Corporation A720 Datasheet HTML 4Page - Kemet Corporation A720 Datasheet HTML 5Page - Kemet Corporation A720 Datasheet HTML 6Page - Kemet Corporation A720 Datasheet HTML 7Page - Kemet Corporation A720 Datasheet HTML 8Page - Kemet Corporation A720 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
T2078_A720 • 3/17/2020
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
5
Aluminum Organic Capacitor (AO-CAP)
A720 Polymer Aluminum
Dimensions – Millimeters (Inches)
Metric will govern
SIDE VIEW
S
S
END VIEW
w
H
BOTTOM VIEW
L
F
KEMET
EIA
L
W
H
F ±0.1
±(0.004)
S ±0.3
±(0.012)
Weight
V
7343–21
7.3±0.3
(0.287±0.012)
4.3±0.3
(0.169±0.012)
1.9±0.2
(0.075±0.008)
2.4 (0.094)
1.3 (0.051)
141.00
Notes: (Ref) – Dimensions provided for reference only.
These weights are provide as reference. If exact weights are needed, please contact your KEMET Sale Representative.
Table 1 – Ratings & Part Number Reference
Rated
Voltage
Rated
Capacitance
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Ripple
Current
(rms)
MSL
Maximum
Operating
Temp.
VDC at 105°C
µF
KEMET/EIA
(See below for
part options)
µA at +25°C
Maximum/5
Minutes
% at +25°C
120 Hz
Maximum
mΩ at 25°C
100 kHz
Maximum
mA at 100 kHz
with/T = +20°C at
−55°C to 105°C
Reflow Temp
≤ 260°C
°C
2
470
V/7343-21
A720V477M002APE006
56.4
6
6
8,260
3
105
2
470
V/7343-21
A720V477M002APE4R5
56.4
6
4.5
9,540
3
105
2
470
V/7343-21
A720V477M002APE003
56.4
6
3
11,690
3
105
2.5
470
V/7343-21
A720V477M2R5APE4R5
70.5
6
4.5
9,540
3
105
2.5
470
V/7343-21
A720V477M2R5APE003
70.5
6
3
11,690
3
105
4
330
V/7343-21
A720V337M004APE006
79.2
6
6
8,260
3
105
4
330
V/7343-21
A720V337M004APE4R5
79.2
6
4.5
9,540
3
105
4
330
V/7343-21
A720V337M004APE003
79.2
6
3
11,690
3
105
6.3
330
V/7343-21
A720V337M006APE4R5
83.2
6
4.5
9,540
3
105
16
100
V/7343-21
A720V107M016APE040
160
6
40
3,200
3
105
16
100
V/7343-21
A720V107M016APE025
160
6
25
4,000
3
105
16
100
V/7343-21
A720V107M016APE015
160
6
15
5,200
3
105
16
100
V/7343-21
A720V107M016APE010
160
6
10
6,400
3
105
35
22
V/7343-21
A720V226M035APE040
30.8
6
40
3,200
3
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com