Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC33 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STWLC33
Description  Multi-mode Qi/AirFuel inductive wireless power receiver with transmitter function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC33 Datasheet(HTML) 5 Page - STMicroelectronics

  STWLC33 Datasheet HTML 1Page - STMicroelectronics STWLC33 Datasheet HTML 2Page - STMicroelectronics STWLC33 Datasheet HTML 3Page - STMicroelectronics STWLC33 Datasheet HTML 4Page - STMicroelectronics STWLC33 Datasheet HTML 5Page - STMicroelectronics STWLC33 Datasheet HTML 6Page - STMicroelectronics STWLC33 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STWLC33
Package information
DocID030310 Rev 1
5/7
Table 2: CSP (3.97x2.67 mm) package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.545
0.600
0.655
A1
0.170
0.200
0.230
A2
0.350
0.375
0.400
b
0.230
0.260
0.290
D
3.910
3.940
3.970
D1
3.20
E
2.610
2.640
2.670
E1
2.00
e
0.40
SE
0.20
fD
0.370
fE
0.320
$
0.025
ccc
0.060
The terminal A1 on the bump side is identified by a distinguishing feature (for
instance by a circular "clear area", typically 0.1 mm diameter) and/or a missing
bump. The terminal A1 on the backside of the product is identified by a
distinguishing feature (for instance by a circular "clear area", typically between 0.1
and 0.5 mm diameter, depending on the die size).
Figure 2: CSP (3.97x2.67 mm) recommended footprint
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com