Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC33 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STWLC33
Description  Multi-mode Qi/AirFuel inductive wireless power receiver with transmitter function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC33 Datasheet(HTML) 1 Page - STMicroelectronics

  STWLC33 Datasheet HTML 1Page - STMicroelectronics STWLC33 Datasheet HTML 2Page - STMicroelectronics STWLC33 Datasheet HTML 3Page - STMicroelectronics STWLC33 Datasheet HTML 4Page - STMicroelectronics STWLC33 Datasheet HTML 5Page - STMicroelectronics STWLC33 Datasheet HTML 6Page - STMicroelectronics STWLC33 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
February 2017
DocID030310 Rev 1
1/7
For further information contact your local STMicroelectronics sales
office
www.st.com
STWLC33
Multi-mode Qi/AirFuel inductive wireless
power receiver with transmitter function
Data brief
Features
Up to 15 W output power in RX mode and 5
W in TX mode
Qi 1.2 and AirFuel inductive wireless
standard communication protocol
Integrated high efficiency synchronous
rectifier
Low drop regulator with output current and
input voltage regulation loop
Total system efficiency up to 80% at 5 V
VOUT
32-bit, 32 MHz ARM Cortex microcontroller
with 32 kB FW memory, 8 kB RAM memory
4 kB NVM for configuration
32 MHz PWM timer
10-bit 8-channel A/D converter
Up to 5 configurable GPIOs
Integrated 5 V LDO for auxiliary features
Precise voltage and current measurements
for FOD function
Overvoltage clamp protection
HW FSK and ASK demodulators
I2C interface
Thermal protection
CSP 3.97x2.67 mm, 400 μm pitch 52 balls
Applications
Phones, PDAs
Power banks
Navigation systems
Wearable devices
Medical and healthcare instrumentation
Description
The STWLC33 is an integrated wireless power
solution suitable for portable applications. The
STWLC33 is able to operate with Qi 1.2 or
AirFuel inductive communication protocol. It can
operate up to 15 W receivers or 5 W transmitters.
Thanks to the integrated low impedance
synchronous rectifier and the low drop out linear
regulator, the STWLC03 achieves high efficiency
and low power dissipation. I2C interface allows
many parameters to be customized in the device
and this configuration can be stored in the
embedded NVM.
The CSP package is suitable for very compact
applications.
Table 1: Device summary
Order code
Package
Packing
STWLC33JR
CSP (3.97x2.67 mm) 400 μm pitch 52 balls
Tape and reel
Downloaded from
Arrow.com.


Similar Part No. - STWLC33

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWLC38 STMICROELECTRONICS-STWLC38 Datasheet
728Kb / 5P
Qi-compliant dual mode wireless power receiver for up to 15W applications
16-Jun-2022
STWLC38/98 STMICROELECTRONICS-STWLC38/98 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
STWLC38/98RX STMICROELECTRONICS-STWLC38/98RX Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
STWLC38JR STMICROELECTRONICS-STWLC38JR Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
STWLC38JRM STMICROELECTRONICS-STWLC38JRM Datasheet
728Kb / 5P
Qi-compliant dual mode wireless power receiver for up to 15W applications
16-Jun-2022
More results

Similar Description - STWLC33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500110 TI-BQ500110_11 Datasheet
642Kb / 25P
Qi Compliant Wireless Power Transmitter Manager
BQ500210_1108 TI-BQ500210_1108 Datasheet
783Kb / 25P
Qi Compliant Wireless Power Transmitter Manager
BQ500414Q TI1-BQ500414Q Datasheet
1Mb / 34P
Qi Compliant Wireless Power Transmitter Manager
logo
STMicroelectronics
STWLC03 STMICROELECTRONICS-STWLC03 Datasheet
469Kb / 5P
Dual mode Qi/PMA wireless power receiver
05-Jun-2015
logo
Integrated Device Techn...
P9025AC IDT-P9025AC Datasheet
419Kb / 20P
5W, Qi Wireless Power Receiver
P9038 IDT-P9038 Datasheet
378Kb / 18P
8W, Qi-compliant, Wireless Power Transmitter
logo
Generalplus Technology ...
GPMQ8018A GENERALPLUS-GPMQ8018A Datasheet
1Mb / 32P
QI Compliant Wireless Power Transmitter Series
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
QI Compliant Wireless Power Receiver
GPMQ8102A GENERALPLUS-GPMQ8102A Datasheet
651Kb / 12P
Qi Compliant Wireless Power Receiver
logo
STMicroelectronics
STWLC68 STMICROELECTRONICS-STWLC68 Datasheet
1Mb / 32P
Qi-compliant inductive wireless power receiver for 5W applications
Rev 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com