Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F469 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32F469
Description  World’s first MIPI-DSI MCU
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469 Datasheet(HTML) 2 Page - STMicroelectronics

  STM32F469 Datasheet HTML 1Page - STMicroelectronics STM32F469 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOFTWARE TOOLS
Beyond the wide set of partners and ARM ecosystem solutions, the STM32F469/479 lines come with dedicated tools and software:
STM32CubeF4: embedded software for STM32F4 series (HAL, USB, TCP/IP, file system, RTOS, and graphics libraries available with examples
able to run on ST boards)
STM32CubeMX: graphical software configuration tool to generate C initialization code using graphical wizard www.st.com/stm32cube
A choice of leading graphic libraries taking the full advantage of ST’s advanced accelerators and architecture and simplify the design of
advanced user interfaces.
STM32F479 BLOCK DIAGRAM
HARDWARE TOOLS
SOFTWARE TOOLS
Control
2x 16-bit
motor-control
PWM
10x 16-bit timers
2x 32-bit timers
Analog
3x 12-bit ADC/2.4 MSPS
Up to 24 channels
/7.2 MSPS
Temperature sensor
2-channel
2x 12-bit DAC
Crypto/
Hash processor
SHA-1, SHA-256, MD5,
HMAC
3DES, AES 256, GCM,
CCM
Mutli-AHB bus matrix
16-channel DMA
ART Accelerator™
Chrom-ART
Accelerator™
True random number
generator (RNG)
180 MHz
ARM® Cortex®-M4
CPU
Nested Vector
Interrupt
Controller (NVIC)
JTAG/SW debug
Embedded Trace
Macrocell (ETM)
Memory Protection
Unit (MPU)
Floating Point Unit
(FPU)
114/131/161 I/Os
Power supply
1.2 V internal regulator
POR/PDR/PVD
Internal RC oscillators
32 kHz + 16 MHz
Clock control
2x watchdogs
(independent and
window)
Xtal oscillators
32 kHz + 4 ~26 MHz
RTC/AWU
Cyclic Redundancy
Check (CRC)
System
1x SysTick timer
96-bit unique ID
Voltage scaling
3 PLLs
Up to 2-Mbyte
dual-bank Flash memory
384-Kbyte SRAM
512 OTP bytes
Dual Quad-SPI
FMC/SRAM/NOR/
NAND/CF/SDRAM
80-byte + 4-Kbyte
backup SRAM
Connectivity
1x USB 2.0 OTG FS
4x USART + 4 UART
LIN, smartcard, IrDA,
modem control
MIPI-DSI interface
Camera interface
1x SAI
(Serial audio interface)
Ethernet MAC 10/100
with IEEE 1588
2x CAN 2.0B
1x USB 2.0 OTG FS/HS
TFT LCD controller
1x SDMMC
6x SPI, 2x I²S, 3x I²C
© STMicroelectronics - July 2017 - Printed in United Kingdom - All rights reserved
The STMicroelectronics corporate logo is a registered trademark of the STMicroelectronics group of companies
All othe r names are the property of their respective owners
For more information on ST products and solutions, visit www.st.com/stm32f4
Order code: FLSTM32F4690717
STM32469I-EVAL
STM32479I-EVAL
www.st.com/stm32evaltools
STM32F469I-DISCOVERY
www.st.com/stm32f4-discovery
STM32CubeMX enables fast development
thanks to its MCU clock configurator, power
consumption calculator and code



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com