Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F469 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F469
Description  World’s first MIPI-DSI MCU
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F469 Datasheet HTML 1Page - STMicroelectronics STM32F469 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STM32F469/479
World’s first MIPI-DSI MCU
High-performance, large memory resources, extended connectivity and
advanced graphic capabilities
PERFORMANCE
CONNECTIVITY AND FEATURES
GRAPHIC USER INTERFACE
INTEGRATION AND POWER
EFFCIENCY
Release your creativity and develop
smarter applications:
Cortex-M4 running at 180 MHz
ART-Accelerator™ allowing zero wait
state execution from internal Flash
FPU and DSP capabilities
225 DMIPS / 608 CoreMark
Develop richer IoT and wearable
applications with the STM32F469/479
extended connectivity and features:
Dual Quad-SPI and FMC with SDRAM
support
Ethernet MAC, SDMMC and USB FS
and HS/FS
Camera Interface
I²S and serial audio interface
Differentiate your application with
advanced graphic user interfaces:
Chrom-ART Accelerator™ for more
animation and graphic effects
Display parallel interface
TFT-LCD controller
MIPI digital signal interface supporting
the most modern displays coming with
higher pixel density, fewer pins, lower
EMI and lower power consumption.
Extend battery life and optimize your
design:
Up to 2 Mbytes of dual-bank Flash
384-Kbyte embedded SRAM
Packages as small as 4.89 x 5.69 mm
Down to 140 µA power consumption
in Stop mode with full SRAM retained
www.st.com/stm32f4
The STM32F469/479 product line
delivers the industry’s highest
ARM® Cortex®-M4 performance
and offers large memory
resources with rich connectivity
enabling the most advanced
consumer, industrial and
medical applications.
Leveraging ST’s proprietary
Chrom-ART Accelerator™ and a
smart hardware architecture, the
product line brings smartphone-
like graphic interfaces to
everyday objects enabling more
intuitive user interfaces.
The STM32F469/479 products
offer 384 Kbytes of SRAM along
with 512 Kbytes to 2 Mbytes of
Flash memory in packages with
168 to 216 pins.


Similar Part No. - STM32F469

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STM32F469 ETC2-STM32F469 Datasheet
267Kb / 4P
Discovery kit with STM32F469NI MCU
logo
STMicroelectronics
STM32F469 STMICROELECTRONICS-STM32F469 Datasheet
2Mb / 91P
LCD-TFT display controller (LTDC) on STM32 MCUs
10-Feb-2017
STM32F469 STMICROELECTRONICS-STM32F469 Datasheet
3Mb / 26P
STM32 development boards
STM32F469AE STMICROELECTRONICS-STM32F469AE Datasheet
3Mb / 217P
ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
08-Mar-2016
STM32F469AE STMICROELECTRONICS-STM32F469AE Datasheet
3Mb / 220P
Arm® Cortex®-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
05-May-2021
More results

Similar Description - STM32F469

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7533 AD-ADV7533 Datasheet
224Kb / 12P
MIPI/DSI Receiver
REV. 0
logo
Texas Instruments
SN65DSI83 TI-SN65DSI83 Datasheet
1Mb / 34P
MIPI DSI BRIDGE TO FLATLINK LVDS Single Channel DSI to Single-Link LVDS Bridge
SN65DSI84 TI-SN65DSI84 Datasheet
1Mb / 37P
MIPI DSI BRIDGE TO FLATLINK LVDS Single Channel DSI to Dual-Link LVDS Bridge
SN65DSI85 TI-SN65DSI85 Datasheet
1Mb / 45P
MIPI DSI BRIDGE TO FLATLINK LVDS Dual Channel DSI to Dual-Link LVDS Bridge
SN65DSI86-Q1 TI1-SN65DSI86-Q1 Datasheet
1Mb / 81P
MIPI DSI to eDP Bridge
SN65DSI85-Q1 TI1-SN65DSI85-Q1 Datasheet
194Kb / 7P
MIPI DSI Bridge to FlatLink LVDS Dual-Channel DSI to Dual-Link LVDS Bridge
SN65DSI84-Q1 TI1-SN65DSI84-Q1 Datasheet
779Kb / 52P
Automotive Single-Channel MIPI DSI to Dual-Link LVDS Bridge
logo
Analog Devices
ADV7535 AD-ADV7535 Datasheet
56Kb / 2P
MIPI/DSI Receiver with HDMI Transmitter
logo
STMicroelectronics
STM32L4R5XX STMICROELECTRONICS-STM32L4R5XX_V01 Datasheet
5Mb / 307P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
January 2020 Rev 5
logo
Diodes Incorporated
PI2MEQX2505 DIODES-PI2MEQX2505 Datasheet
1Mb / 17P
MIPI CSI-2/DSI D-PHY ReDriver
Rev 2 - 2 February 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com