Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F479 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM32F479
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32F479 Datasheet HTML 43Page - STMicroelectronics STM32F479 Datasheet HTML 44Page - STMicroelectronics STM32F479 Datasheet HTML 45Page - STMicroelectronics STM32F479 Datasheet HTML 46Page - STMicroelectronics STM32F479 Datasheet HTML 47Page - STMicroelectronics STM32F479 Datasheet HTML 48Page - STMicroelectronics STM32F479 Datasheet HTML 49Page - STMicroelectronics STM32F479 Datasheet HTML 50Page - STMicroelectronics STM32F479 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 91 page
background image
DocID029237 Rev 2
47/91
AN4861
Creating a graphical application with LTDC
89
Figure 27. Adding dummy bytes to make the line width multiple of 64 bytes
4.5.3
Optimizing the LTDC framebuffer fetching from SDRAM
Making random access into a bank generates some precharge cycles which increase the
SDRAM latency seen by the LTDC. As the LTDC is performing sequential accesses, it's
important that no other masters are doing access into the same SDRAM bank.
The external SDRAM is composed of multiple banks. Given that making random accesses
on a bank generates some precharge and activates some cycles, the framebuffer must be
placed in an independent bank accessed only by the LTDC. This action reduces the external
memory latency and leads to a higher throughput. As a consequence, when double
framebuffer technique is used, it is recommended to have these buffers in two separate
banks.
This can be done by storing the frontbuffer in the first address of the SDRAM and
addressing the backbuffer by adding an offset with the size of one bank. Refer to Figure 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com