Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F479 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM32F479
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM32F479 Datasheet HTML 24Page - STMicroelectronics STM32F479 Datasheet HTML 25Page - STMicroelectronics STM32F479 Datasheet HTML 26Page - STMicroelectronics STM32F479 Datasheet HTML 27Page - STMicroelectronics STM32F479 Datasheet HTML 28Page - STMicroelectronics STM32F479 Datasheet HTML 29Page - STMicroelectronics STM32F479 Datasheet HTML 30Page - STMicroelectronics STM32F479 Datasheet HTML 31Page - STMicroelectronics STM32F479 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 91 page
background image
LCD-TFT (LTDC) display controller description
AN4861
28/91
DocID029237 Rev 2
Figure 19 summarizes all layer color framebuffer configurable parameters.
Figure 19. Programmable color layer in framebuffer
Pixel format conversion (PFC)
After being read from the framebuffer, the pixel data is transformed from the configured pixel
input format to the internal ARGB8888 format.
The components that have a width of less than 8 bits get expanded to 8 bits by bit
replication.
The 8 MSB bits are chosen. Figure 20 shows a conversion from RGB565 input pixel format
to the internal ARGB8888 format.
Figure 20. Pixel format conversion from RGB565 input pixel format to the internal
ARGB8888 format
Note:
Using two layers creates bandwidth constraints on the system. It is preferable to use only
one layer and to do the composition with the Chrom-Art Accelerator® during the framebuffer
calculation (see Section 4.2.2: Checking display compatibility considering the memory
bandwidth requirements).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com